Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCGF5A Datasheet(PDF) 2 Page - AIC tech Inc.

Part # HCGF5A
Description  Useful of 4,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

HCGF5A Datasheet(HTML) 2 Page - AIC tech Inc.

  HCGF5A Datasheet HTML 1Page - AIC tech Inc. HCGF5A Datasheet HTML 2Page - AIC tech Inc. HCGF5A Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HCGF5A Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
40
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
160
3,300
36
×121
0.25
14.0
40
35
18
HCGF5A2C332
ⅠA121PH
3,900
51
×75
0.25
14.4
37
28
21
HCGF5A2C392YC075PH
4,700
51
×75
0.25
15.8
30
25
21
HCGF5A2C472YC075PH
5,600
51
×96
0.25
19.0
26
23
21
HCGF5A2C562YC096PH
6,800
51
×96
0.25
21.0
22
22
21
HCGF5A2C682YC096PH
8,200
51
×115
0.25
24.7
18
19
21
HCGF5A2C822YC115PH
10,000
64
×96
0.25
28.0
15
16
22
HCGF5A2C103YD096PH
12,000
64
×96
0.25
30.6
12
15
22
HCGF5A2C123YD096PH
15,000
64
×130
0.25
38.6
11
12
22
HCGF5A2C153YD130PH
18,000
64
×130
0.25
42.2
9
11
22
HCGF5A2C183YD130PH
22,000
77
×130
0.25
49.4
8
8
24
HCGF5A2C223YE130PH
27,000
77
×130
0.25
54.7
7
8
24
HCGF5A2C273YE130PH
33,000
90
×131
0.25
64.2
6
7
24
HCGF5A2C333YF131PH
39,000
90
×157
0.25
75.3
5
7
24
HCGF5A2C393YF157PH
200
2,200
36
×100
0.25
10.6
68
60
18
HCGF5A2D222
ⅠA100PH
2,700
36
×121
0.25
12.7
48
39
18
HCGF5A2D272
ⅠA121PH
3,300
51
×75
0.25
13.3
45
35
21
HCGF5A2D332YC075PH
3,900
51
×75
0.25
14.4
37
30
21
HCGF5A2D392YC075PH
4,700
51
×96
0.25
17.4
30
27
21
HCGF5A2D472YC096PH
5,600
51
×115
0.25
20.4
26
25
21
HCGF5A2D562YC115PH
6,800
51
×130
0.25
23.7
21
20
21
HCGF5A2D682YC130PH
8,200
64
×96
0.25
25.4
17
18
22
HCGF5A2D822YD096PH
10,000
64
×96
0.25
28.0
14
14
22
HCGF5A2D103YD096PH
12,000
77
×96
0.25
32.6
12
14
24
HCGF5A2D123YE096PH
15,000
77
×96
0.25
39.0
10
13
24
HCGF5A2D153YE096PH
18,000
77
×130
0.25
44.6
8
12
24
HCGF5A2D183YE130PH
22,000
77
×155
0.25
53.0
7
7
24
HCGF5A2D223YE155PH
27,000
90
×131
0.25
58.2
6
7
24
HCGF5A2D273YF131PH
33,000
90
×157
0.25
69.0
5
7
24
HCGF5A2D333YF157PH
250
1,500
36
×100
0.25
8.7
56
50
18
HCGF5A2E152
ⅠA100PH
1,800
36
×100
0.25
9.5
52
44
18
HCGF5A2E182
ⅠA100PH
2,200
51
×75
0.25
10.8
50
40
21
HCGF5A2E222YC075PH
2,700
51
×75
0.25
12.0
41
36
21
HCGF5A2E272YC075PH
3,300
51
×96
0.25
14.6
36
35
21
HCGF5A2E332YC096PH
3,900
51
×115
0.25
17.0
31
30
21
HCGF5A2E392YC115PH
4,700
64
×96
0.25
19.2
25
23
22
HCGF5A2E472YD096PH
5,600
64
×96
0.25
21.0
21
21
22
HCGF5A2E562YD096PH
6,800
64
×115
0.25
24.7
18
18
22
HCGF5A2E682YD115PH
8,200
64
×115
0.25
27.1
15
16
22
HCGF5A2E822YD115PH
10,000
64
×130
0.25
31.5
12
14
22
HCGF5A2E103YD130PH
12,000
77
×115
0.25
34.8
10
11
24
HCGF5A2E123YE115PH
15,000
77
×130
0.25
40.8
8
11
24
HCGF5A2E153YE130PH
18,000
77
×155
0.25
47.8
7
10
24
HCGF5A2E183YE155PH
22,000
90
×157
0.25
56.5
6
8
24
HCGF5A2E223YF157PH
350
390
36
×53
0.20
4.5
287
296
18
HCGF5A2V391
ⅠA053PH
470
36
×83
0.20
5.8
238
245
18
HCGF5A2V471
ⅠA083PH
560
36
×83
0.20
6.4
216
222
18
HCGF5A2V561
ⅠA083PH
680
36
×83
0.20
7.0
192
197
18
HCGF5A2V681
ⅠA083PH
820
36
×100
0.20
8.3
170
174
18
HCGF5A2V821
ⅠA100PH
1,000
36
×100
0.20
9.2
131
135
18
HCGF5A2V102
ⅠA100PH
1,200
51
×75
0.20
10.3
117
120
21
HCGF5A2V122YC075PH
1,500
51
×75
0.20
11.5
93
100
21
HCGF5A2V152YC075PH
1,800
51
×96
0.20
13.9
78
80
21
HCGF5A2V182YC096PH
2,200
51
×96
0.20
15.4
64
70
21
HCGF5A2V222YC096PH
2,700
51
×130
0.20
19.3
53
58
21
HCGF5A2V272YC130PH
3,300
51
×130
0.20
21.4
48
51
21
HCGF5A2V332YC130PH
3,900
64
×115
0.20
24.2
43
47
22
HCGF5A2V392YD115PH
4,700
64
×130
0.20
27.9
36
40
22
HCGF5A2V472YD130PH
5,600
77
×115
0.20
30.7
34
35
24
HCGF5A2V562YE115PH
6,800
77
×130
0.20
35.4
28
29
24
HCGF5A2V682YE130PH
8,200
77
×155
0.20
41.7
23
25
24
HCGF5A2V822YE155PH
10,000
90
×157
0.20
49.0
19
23
24
HCGF5A2V103YF157PH
12,000
90
×157
0.20
54.1
16
21
24
HCGF5A2V123YF157PH
15,000
90
×196
0.20
66.2
13
20
24
HCGF5A2V153YF196PH
18,000
90
×236
0.20
77.9
10
20
24
HCGF5A2V183YF236PH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com