Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC603
Description  PowerPC™ 603 RISC Microprocessor Technical Summary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC603 Datasheet HTML 17Page - NXP Semiconductors MPC603 Datasheet HTML 18Page - NXP Semiconductors MPC603 Datasheet HTML 19Page - NXP Semiconductors MPC603 Datasheet HTML 20Page - NXP Semiconductors MPC603 Datasheet HTML 21Page - NXP Semiconductors MPC603 Datasheet HTML 22Page - NXP Semiconductors MPC603 Datasheet HTML 23Page - NXP Semiconductors MPC603 Datasheet HTML 24Page - NXP Semiconductors MPC603 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PowerPC 603 RISC Microprocessor Technical Summary
21
Table 2. Exceptions and Conditions
Exception
Type
Vector Offset
(hex)
Causing Conditions
Reserved
00000
—
System reset
00100
A system reset is caused by the assertion of either SRESET or HRESET.
Machine check
00200
A machine check is caused by the assertion of the TEA signal during a data bus transaction,
assertion of MCP, or an address or data parity error.
DSI
00300
The cause of a DSI exception can be determined by the bit settings in the DSISR, listed as
follows:
1 Set if the translation of an attempted access is not found in the primary hash table entry
group (HTEG), or in the rehashed secondary HTEG, or in the range of a DBAT register;
otherwise cleared.
4 Set if a memory access is not permitted by the page or DBAT protection mechanism;
otherwise cleared.
5 Set if the access was to an I/O segment (SR[T] =1) by an eciwx, ecowx, lwarx, or
stwcx. instruction; otherwise cleared.
6 Set for a store operation and cleared for a load operation.
11 Set if eciwx or ecowx is used and EAR[E] is cleared.
ISI
00400
An ISI exception is caused when an instruction fetch cannot be performed for any of the
following reasons:
•
The effective (logical) address cannot be translated. That is, there is a page fault for this
portion of the translation, so an ISI exception must be taken to load the PTE (and
possibly the page) into memory.
•
The fetch access is to a direct-store segment.
•
The fetch access violates memory protection. If the key bits (Ks and Kp) in the segment
register and the PP bits in the PTE are set to prohibit read access, instructions cannot be
fetched from this location.
External
interrupt
00500
An external interrupt is caused when MSR[EE] = 1 and the INT signal is asserted.
Alignment
00600
An alignment exception is caused when the 603 cannot perform a memory access for any of
several reasons, such as when the operand of a floating-point load or store operation is in an
I/O segment (SR[T] = 1).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com