Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC603
Description  PowerPC™ 603 RISC Microprocessor Technical Summary
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC603 Datasheet HTML 8Page - NXP Semiconductors MPC603 Datasheet HTML 9Page - NXP Semiconductors MPC603 Datasheet HTML 10Page - NXP Semiconductors MPC603 Datasheet HTML 11Page - NXP Semiconductors MPC603 Datasheet HTML 12Page - NXP Semiconductors MPC603 Datasheet HTML 13Page - NXP Semiconductors MPC603 Datasheet HTML 14Page - NXP Semiconductors MPC603 Datasheet HTML 15Page - NXP Semiconductors MPC603 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
PowerPC 603 RISC Microprocessor Technical Summary
Specific features of the 603 are listed in Section 1.1, “PowerPC 603 Microprocessor Features.”
3.2 PowerPC Registers and Programming Model
The PowerPC architecture defines register-to-register operations for most computational instructions.
Source operands for these instructions are accessed from the registers or are provided as immediate values
embedded in the instruction opcode. The three-register instruction format allows specification of a target
register distinct from the two source operands. Load and store instructions transfer data between registers
and memory.
PowerPC processors have two levels of privilege—supervisor mode of operation (typically used by the
operating system) and user mode of operation (used by the application software). The programming models
incorporate 32 GPRs, 32 FPRs, special-purpose registers (SPRs), and several miscellaneous registers. Each
PowerPC microprocessor also has its own unique set of hardware implementation (HID) registers.
Having access to privileged instructions, registers, and other resources allows the operating system to
control the application environment (providing virtual memory and protecting operating-system and critical
machine resources). Instructions that control the state of the processor, the address translation mechanism,
and supervisor registers can be executed only when the processor is operating in supervisor mode.
The following sections summarize the PowerPC registers that are implemented in the 603.
3.2.1 General-Purpose Registers (GPRs)
The PowerPC architecture defines 32 user-level, general-purpose registers (GPRs). These registers are either
32 bits wide in 32-bit PowerPC microprocessors and 64 bits wide in 64-bit PowerPC microprocessors. The
GPRs serve as the data source or destination for all integer instructions.
3.2.2 Floating-Point Registers (FPRs)
The PowerPC architecture also defines 32 user-level, 64-bit floating-point registers (FPRs). The FPRs serve
as the data source or destination for floating-point instructions. These registers can contain data objects of
either single- or double-precision floating-point formats.
3.2.3 Condition Register (CR)
The CR is a 32-bit user-level register that consists of eight four-bit fields that reflect the results of certain
operations, such as move, integer and floating-point compare, arithmetic, and logical instructions, and
provide a mechanism for testing and branching.
3.2.4 Floating-Point Status and Control Register (FPSCR)
The floating-point status and control register (FPSCR) is a user-level register that contains all exception
signal bits, exception summary bits, exception enable bits, and rounding control bits needed for compliance
with the IEEE 754 standard.
3.2.5 Machine State Register (MSR)
The machine state register (MSR) is a supervisor-level register that defines the state of the processor. The
contents of this register are saved when an exception is taken and restored when the exception handling
completes. The 603 implements the MSR as a 32-bit register; 64-bit PowerPC processors implement a 64-
bit MSR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com