Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7675 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7675
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7675 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7675 Datasheet HTML 9Page - Analog Devices AD7675 Datasheet HTML 10Page - Analog Devices AD7675 Datasheet HTML 11Page - Analog Devices AD7675 Datasheet HTML 12Page - Analog Devices AD7675 Datasheet HTML 13Page - Analog Devices AD7675 Datasheet HTML 14Page - Analog Devices AD7675 Datasheet HTML 15Page - Analog Devices AD7675 Datasheet HTML 16Page - Analog Devices AD7675 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7612
Rev. 0 | Page 13 of 32
0
–180
0
375
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
–160
125
250
fS = 750kSPS
fIN = 19.99kHz
SNR = 93.23dB
THD = –107.5dB
SFDR = 113.9dB
SINAD = 93.1dB
Figure 11. FFT 20 kHz
96
80
1
100
FREQUENCY (kHz)
14.4
14.6
14.8
15.0
15.2
15.4
15.6
15.8
16.0
SNR
SINAD
ENOB
94
92
90
88
86
84
82
10
Figure 12. SNR, SINAD, and ENOB vs. Frequency
96
90
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
95
94
93
92
91
±10V
±5V
0V TO +10V
0V TO +5V
Figure 13. SNR vs. Temperature
95.0
93.0
–60
0
INPUT LEVEL (dB)
94.5
94.0
93.5
–50
–40
–30
–20
–10
SNR
SINAD
±10V
±5V
0V TO +10V
0V TO +5V
Figure 14. SNR and SINAD vs. Input Level (Referred to Full Scale)
–70
–130
1
100
FREQUENCY (kHz)
10
–80
–90
–100
–110
–120
20
30
40
50
60
70
80
90
100
110
120
SFDR
THD
SECOND
HARMONIC
THIRD
HARMONIC
Figure 15. THD, Harmonics, and SFDR vs. Frequency
96
90
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
95
94
93
92
91
±10V
±5V
0V TO +10V
0V TO +5V
Figure 16. SINAD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com