Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4156BCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices ADF4156BCPZ Datasheet HTML 10Page - Analog Devices ADF4156BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADF4156
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
PFD = 25 MHz, loop bandwidth = 20 kHz, reference = 100 MHz, ICP = 313 μA, phase noise measurements taken on the Agilent E5500
phase noise system.
10
–40
09
FREQUENCY (GHz)
5
0
–5
–10
–15
–20
–25
–30
–35
12
3456
78
P= 4/5
P= 8/9
Figure 5. RF Input Sensitivity
0
1k
100M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
–160
–180
10k
100k
1M
10M
LOW NOISE MODE
RF = 5800.25MHz, PFD = 25MHz, N = 232,
FRAC = 2, MOD = 200, 20kHz LOOP BW, ICP = 313µA,
DSB INTEGRATED PHASE ERROR = 0.73° RMS,
PHASE NOISE @ 5kHz = –89.5dBc/Hz,
ZCOMM V940ME03 VCO
Figure 6. Phase Noise and Spurs, Low Noise Mode
0
1k
100M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
–160
–180
10k
100k
1M
10M
LOW SPUR MODE
RF = 5800.25MHz, PFD = 25MHz, N = 232, FRAC = 2,
MOD = 200, 20kHz LOOP BW, ICP = 313µA,
DSB INTEGRATED PHASE ERROR = 1.09° RMS,
PHASE NOISE @ 5kHz = –83dBc/Hz, ZCOMM V940ME03 VCO
Figure 7. Phase Noise and Spurs, Low Spur Mode.
(Note that fractional spurs are removed and only
the integer boundary spur remains in low spur mode.)
6.00
5.65
–100
900
TIME (µs)
5.95
5.90
5.85
5.80
5.75
5.70
0
100
200
300
400
500
600
700
800
CSR OFF
CSR ON
Figure 8. Lock Time for 200 MHz Jump from 5705 MHz to 5905 MHz
with CSR On and Off
5.65
5.60
5.95
5.90
5.85
5.80
5.75
5.70
–100
900
TIME (µs)
0
100
200
300
400
500
600
700
800
CSR ON
CSR OFF
Figure 9. Lock Time for 200 MHz Jump from 5905 MHz to 57905 MHz
with CSR On and Off
VCP (V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
012
345
Figure 10. Charge Pump Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com