Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4156BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4156BCPZ
Description  6 GHz Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4156BCPZ Datasheet(HTML) 2 Page - Analog Devices

  ADF4156BCPZ Datasheet HTML 1Page - Analog Devices ADF4156BCPZ Datasheet HTML 2Page - Analog Devices ADF4156BCPZ Datasheet HTML 3Page - Analog Devices ADF4156BCPZ Datasheet HTML 4Page - Analog Devices ADF4156BCPZ Datasheet HTML 5Page - Analog Devices ADF4156BCPZ Datasheet HTML 6Page - Analog Devices ADF4156BCPZ Datasheet HTML 7Page - Analog Devices ADF4156BCPZ Datasheet HTML 8Page - Analog Devices ADF4156BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADF4156
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 4
Absolute Maximum Ratings............................................................ 5
Thermal Impedance ..................................................................... 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ............................................. 7
Circuit Description........................................................................... 8
Reference Input Section............................................................... 8
RF Input Stage............................................................................... 8
RF INT Divider............................................................................. 8
INT, FRAC, MOD, and R Relationship ..................................... 8
RF R Counter ................................................................................ 8
Phase Frequency Detector (PFD) and Charge Pump.............. 9
MUXOUT and LOCK Detect..................................................... 9
Input Shift Registers ..................................................................... 9
Program Modes ............................................................................ 9
Register Maps.................................................................................. 10
FRAC/INT Register, R0............................................................. 11
PHASE REGISTER, R1.............................................................. 12
MOD/R Register, R2 .................................................................. 13
Function Register, R3................................................................. 15
CLK Div Register, R4 ................................................................. 16
Reserved Bits............................................................................... 16
Initialization Sequence .............................................................. 16
RF Synthesizer: A Worked Example ........................................ 17
Modulus....................................................................................... 17
Reference Doubler and Reference Divider ............................. 17
12-Bit Programmable Modulus................................................ 17
Cycle Slip Reduction for Faster Lock Times........................... 17
Spur Mechanisms ....................................................................... 18
Spur Consistency and Fractional Spur Optimization ........... 18
PHASE RESYNC ........................................................................ 19
Low Frequency Applications .................................................... 19
Filter Design—ADIsimPLL....................................................... 19
Interfacing ................................................................................... 20
PCB Design Guidelines for Chip Scale Package .................... 20
Outline Dimensions ....................................................................... 21
Ordering Guide .......................................................................... 22
REVISION HISTORY
5/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com