Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7621
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7621 Datasheet HTML 20Page - Analog Devices AD7621 Datasheet HTML 21Page - Analog Devices AD7621 Datasheet HTML 22Page - Analog Devices AD7621 Datasheet HTML 23Page - Analog Devices AD7621 Datasheet HTML 24Page - Analog Devices AD7621 Datasheet HTML 25Page - Analog Devices AD7621 Datasheet HTML 26Page - Analog Devices AD7621 Datasheet HTML 27Page - Analog Devices AD7621 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD7612
Rev. 0 | Page 24 of 32
INTERFACES
DIGITAL INTERFACE
The AD7612 has a versatile digital interface that can be set up
as either a serial or a parallel interface with the host system. The
serial interface is multiplexed on the parallel data bus. The AD7612
digital interface also accommodates 2.5 V, 3.3 V, or 5 V logic. In
most applications, the OVDD supply pin is connected to the host
system interface 2.5 V to 5.25 V digital supply. Finally, by using
the OB/2C input pin, both twos complement or straight binary
coding can be used.
Two signals, CS and RD, control the interface. When at least one of
these signals is high, the interface outputs are in high impedance.
Usually, CS allows the selection of each AD7612 in multi-circuit
applications and is held low in a single AD7612 design. RD is gen-
erally used to enable the conversion result on the data bus.
RESET
The RESET input is used to reset the AD7612. A rising edge on
RESET aborts the current conversion (if any) and tristates the
data bus. The falling edge of RESET resets the AD7612 and clears
the data bus and configuration register. See Figure 34 for the
RESET timing details.
t9
t8
RESET
DATA
BUS
BUSY
CNVST
Figure 34. RESET Timing
PARALLEL INTERFACE
The AD7612 is configured to use the parallel interface when
SER/PAR is held low.
Master Parallel Interface
Data can be continuously read by tying CS and RD low, thus
requiring minimal microprocessor connections. However, in
this mode, the data bus is always driven and cannot be used in
shared bus applications (unless the device is held in RESET).
Figure 35 details the timing for this mode.
t1
BUSY
DATA
BUS
PREVIOUS CONVERSION DATA
NEW DATA
CNVST
CS = RD = 0
t10
t4
t11
t3
Figure 35. Master Parallel Data Timing for Reading (Continuous Read)
Slave Parallel Interface
In slave parallel reading mode, the data can be read either after
each conversion, which is during the next acquisition phase, or
during the following conversion, as shown in Figure 36 and
Figure 37, respectively. When the data is read during the conver-
sion, it is recommended that it is read only during the first half
of the conversion phase. This avoids any potential feedthrough
between voltage transients on the digital interface and the most
critical analog conversion circuitry.
CURRENT
CONVERSION
t13
t12
BUSY
DATA
BUS
RD
CS
Figure 36. Slave Parallel Data Timing for Reading (Read After Convert)
PREVIOUS
CONVERSION
t13
t12
t3
BUSY
DATA
BUS
CNVST,
RD
CS = 0
t4
t1
Figure 37. Slave Parallel Data Timing for Reading (Read During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com