Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7621 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7621
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7621 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7621 Datasheet HTML 24Page - Analog Devices AD7621 Datasheet HTML 25Page - Analog Devices AD7621 Datasheet HTML 26Page - Analog Devices AD7621 Datasheet HTML 27Page - Analog Devices AD7621 Datasheet HTML 28Page - Analog Devices AD7621 Datasheet HTML 29Page - Analog Devices AD7621 Datasheet HTML 30Page - Analog Devices AD7621 Datasheet HTML 31Page - Analog Devices AD7621 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7612
Rev. 0 | Page 28 of 32
External Clock Data Read After/During Conversion
It is also possible to begin to read data after conversion and
continue to read the last bits after a new conversion has been
initiated. This method allows the full throughput and the use of
a slower SDCLK frequency. Again, it is recommended to use a
discontinuous SDCLK whenever possible to minimize potential
incorrect bit decisions. For the different modes, the use of a slower
SDCLK such as 20 MHz in warp mode, 15 MHz in normal mode
and 13 MHz in impulse mode can be used.
SDIN
SDOUT
D0
1
2
3
15
16
BUSY
EXT/INT = 1 INVSCLK = 0
CS
SDCLK
4
D2
D1
17
18
SER/PAR = 1
RD = 0
14
D15
D14
D13
X15
X14
19
X0
X2
X1
X15
X14
X13
Y15
Y14
t31
t31
X*
t32
t16
t33
t34
t37
t35
t36
*A DISCONTINUOUS SDCLK IS RECOMMENDED.
Figure 42. Slave Serial Data Timing for Reading (Read After Convert)
SDOUT
D0
123
BUSY
EXT/INT = 1
INVSCLK = 0
CS
SDCLK
15
D1
SER/PAR = 1
RD = 0
16
D15
D14
t31
t31
t32
t16
t37
t35
t36
CNVST
X*
X*
X*
X*
X*
X*
t27
*A DISCONTINUOUS SDCLK IS RECOMMENDED.
DATA = SDIN
Figure 43. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com