Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16250/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16250/PCBZ
Description  Programmable Low Power Gyroscope
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16250/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16250/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADIS16250
Rev. 0 | Page 5 of 20
TIMING SPECIFICATIONS
TA = −40°C to +85°C, VCC = 5.0 V, unless otherwise noted.
Table 2.
Parameter
Description
Min1
Typ
Max1
Unit
fSCLK
Fast mode2
0.01
2.5
MHz
Normal mode2
0.01
1.0
MHz
tDATARATE
Chip select period, fast mode2
40
μs
tDATARATE
Chip select period, normal mode2
100
μs
tCSHIGH
Chip select high
1/fSCLK
tCS
Chip select to clock edge
48.8
ns
tDAV
Data output valid after SCLK edge
100
ns
tDSU
Data input setup time before SCLK rising edge
24.4
ns
tDHD
Data input hold time after SCLK rising edge
48.8
ns
tDF
Data output fall time
5
12.5
ns min
tDR
Data output rise time
5
12.5
ns min
tSFS
CS high after SCLK edge
5
ns typ
1 Guaranteed by design; typical specifications are not tested or guaranteed.
2 Based on sample rate selection.
CS
SCLK
tDATA RATE
Figure 2. SPI Chip Select Timing
CS
SCLK
DOUT
DIN
1
2
3
4
5
6
15
16
W/R
A5
A4
A3
A2
D2
MSB
DB14
D1
LSB
DB13
DB12
DB10
DB11
DB2
LSB
DB1
tCS
tSFS
tDAV
tDHD
tDSU
Figure 3. SPI Timing
(Utilizing SPI Settings Typically Identified as Phase = 1, Polarity = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com