Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16250/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16250/PCBZ
Description  Programmable Low Power Gyroscope
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16250/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16250/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16250/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADIS16250
Rev. 0 | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration (Any Axis, Unpowered, 0.5 ms)
2000 g
Acceleration (Any Axis, Powered, 0.5 ms)
2000 g
VCC to COM
−0.3 V to +6.0 V
Digital Input/Output Voltage to COM
−0.3 V to +5.5 V
Analog Inputs to COM
−0.3 V to +3.5 V
Operating Temperature Range1
−40°C to +125°C
Storage Temperature Range1
−65°C to +150°C
1 Extended exposure to temperatures outside of the specified temperature
range of −40°C to +85°C can adversely affect the accuracy of the factory
calibration. For best accuracy, store the parts within the specified operating
range of −40°C to +85°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
RATEOUT
RATE IN
+8191 LSB
–8192 LSB
1
5 6
10
LONGITUDINAL
AXIS
CLOCK-WISE
ROTATION
RATE
AXIS
LATERAL
AXIS
Figure 4. RATE OUT Level Increase with Clockwise Rotation Increase
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com