Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM25TP Datasheet(PDF) 2 Page - 3M Electronics

Part # EM25TP
Description  3M™ Flux Field Directional Material (FFDM) EM25TP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EM25TP Datasheet(HTML) 2 Page - 3M Electronics

  EM25TP Datasheet HTML 1Page - 3M Electronics EM25TP Datasheet HTML 2Page - 3M Electronics EM25TP Datasheet HTML 3Page - 3M Electronics EM25TP Datasheet HTML 4Page - 3M Electronics EM25TP Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M™ Flux Field Directional Material (FFDM) EM25TP
Product Construction/ Materials Description
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes.
*XXX = custom magnetic layer thickness options, Azz = optional Adhesive layer thickness micron (um) A= Adhesive,
Czz= optional Cover film thickness (um), C= Cover film; Adhesive layer thickness can vary based on application need.
Heat Activated Films (HAF) can also be options. L= Layers
** In an earlier version of the product, the numbering was also stated as EM25TP-004 = 35um magnetic layer. For 2019
new project the EM25TP will now use 4 digits to clarify thickness in microns or mm.
Application Ideas
3M FFDM EM25TP has potential to be used for:
•
Shield DC and low frequency magnetic field
•
Wireless power system power transfer efficiency improvement
•
EMI Absorber
•
Potential devices include mobile phone, computers, tablets, measurement and sensors.
•
Protect magnetic flux sensitive device such as a hall sensor and a flux gate from external low frequency
magnetic fields
•
Assembly of magnet coil for Wireless Charging System
•
Electronic equipment protection for automobile applications
As an initial design, it is suggested to test the 3M™ Flux Field Directional Materials at the greatest thickness allowed
(1x, 2x, 3x layers, etc.), largest XY dimension, in multiple locations or use multiple parts to determine a potential
maximum performance level associated with the material and the end use assembly. Once a baseline level of
performance is established, the 3M FFDM material thickness, XY shape, location, etc. can be reduced or changed to
determine the minimum material needed to meet a specification.
3M™ Flux Field Directional Material EM25TP
Structure
Type
Thickness
Cover Film Type
Black Colored PET (C is optional)
10µm
Magnetic Type
Soft Magnetic Composite
Options below (L= Layers)
Adhesive Type
Acrylic Adhesive (ADH optional)
10 – 30 µm
Magnetic Layer Thickness
(excluding protective film)
Tolerance: +/-10%
EM25TP-0025
EM25TP-0035 ( See Note**)
EM25TP-0050
EM25TP-0150
EM25TP-0250
EM25TP-XXX-Azz-Czz*
EM25TP-0035-A10-C10
EM25TP-0050-A10-C10
EM25TP-0100-A10-C10
L = 0.025 mm
L= 0.035 mm
L= 0.050 mm magnetic layer
L= 0.150 mm magnetic layer
L= 0.250 mm magnetic layer
L = -XXX-Azz-Czz
L=0.035mm magnetic+10um A+10um C
L=0.050mm magnetic+ 10um A+10um C
L=0.100mm magnetic+ 10um A+10um C
Total Thickness
Cover Film (Optional) +
Magnetic Layer +
Adhesive Layer (Optional)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com