Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM25TP Datasheet (PDF) - 3M Electronics

EM25TP Datasheet PDF - 3M Electronics
Part # EM25TP
Download  EM25TP Download
File Size   172.75 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Flux Field Directional Material (FFDM) EM25TP

EM25TP Datasheet (PDF)

Go To PDF Page Download Datasheet
EM25TP Datasheet PDF - 3M Electronics

Part # EM25TP
Download  EM25TP Click to download

File Size   172.75 Kbytes
Page   5 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Flux Field Directional Material (FFDM) EM25TP

EM25TP Datasheet (HTML) - 3M Electronics


EM25TP Product details

Product Description
3M™ Flux Field Directional Material (FFDM) EM25TP is a composite material consisting of a carrier resin, magnetic fillers and an optional acrylic pressure sensitive adhesive (PSA) and optional Black PET top film layer. This magnetic material is designed to interact and influence an Electro-Magnetic (EM) field. The EM field could be generated for various reasons and in many applications it is desired to focus the EM field across a specific volumetric area, such as a secondary EM field pick-up coil or antenna in a frequency range of below 5-10 MHz typically.
The 3M FFDM EM25TP uses in the frequency range above the 5-10 MHz range is typically as an EMI EM field absorber as the higher loss (u”) characteristics of the 3M FFDM EM25TP provide for excellent EM field reduction.
3M FFDM EM25TP is designed to efficiently couple to the EM field and redirect and focus the field as desired in a given application or to provide EM absorbing.

Key Features
• Targeted permeability for < 5-10MHz FFDM performance for EM field coupling.
• EMI absorber performance for frequencies above 5-10 MHz.
• Absorbing performance from 100MHz to 4 GHz
• Multiple thickness options
• Black PET protection tape cover film (optional)
• Pressure sensitive acrylic adhesive (optional)
• Supplied on a removable liner for ease handling




Similar Part No. - EM25TP

ManufacturerPart #DatasheetDescription
logo
EPCOS
EM2500XS EPCOS-EM2500XS Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
logo
Eaton All Rights Reserv...
EM2505 EATON-EM2505 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250502V EATON-EM250502V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250503V EATON-EM250503V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250504V EATON-EM250504V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
More results


Similar Description - EM25TP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM110 3M-GM110 Datasheet
37Kb / 4P
3M™ Gripping Material
Oct-2009
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
3M-Bits FIFO Field Memory
logo
3M Electronics
RFIC10 3M-RFIC10 Datasheet
100Kb / 3P
3M Flux Field Directional Materials RFIC Series
PM4 3M-PM4 Datasheet
347Kb / 2P
3M Fire Barrier Packing Material PM4
FVT30 3M-FVT30 Datasheet
132Kb / 5P
3M™ Durable Tire Label Material FVT30
Dec-2007
7903 3M-7903 Datasheet
201Kb / 8P
3M??Sheet Label Material 7903
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com