Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4180 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB4180
Description  Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4180 Datasheet(HTML) 3 Page - Global Connector Technology

  USB4180 Datasheet HTML 1Page - Global Connector Technology USB4180 Datasheet HTML 2Page - Global Connector Technology USB4180 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Inner Carton
Paper Board
Reel and Tape
Ø13
24.5
165°~180°
Direction of Unreeling
Peeling
Angle
Label
400
400
Paper Board
Vacuum Bag
Pcs /
Reel
Reels /
Carton
Total
Quantity
400
10
4000 pcs
Folder Paper Board
Direction of Unreeling
Detail: E
405
405
Outer Carton
(16 Pockets)
Unloaded Section
Unloaded Section
400 PCS
(16 Pockets)
Detail E
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/3
Type C Plug, Vertical, SMT, For Power Charging Only
6 Pin, Without Latches
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4180
A
24th March 2023
24/03/23
www.gct.co
16.00
2.00
4.00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com