Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4180 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4180
Description  Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4180 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4180 Datasheet HTML 1Page - Global Connector Technology USB4180 Datasheet HTML 2Page - Global Connector Technology USB4180 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.83±0.025
A12
B12
2.40±0.03
2.25±0.15
7.50±0.15
5.50
0.10
8.66
8.25±0.03
A12
B12
B9
A9 A5
B9
B5
A5
A9
2x 0.60±0.10
B5
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Plating
Contact
Contact Area: 3µ" Au over 50µ" min. Nickel
Solder Tails: 80µ" min. Sn over 50µ" min. Nickel
Shell: 30µ" min. Nickel
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for A5/B5 pin
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5N max.
Unmated Force: 3N max.
Durability: 10,000 cycles
4.41±0.15
2x 0.80±0.10
6x 0.40±0.10
2x 1.50±0.15
2x 3.50±0.15
8.66
2x 0.75
3.40
2x 0.50±0.05
8.08±0.15
7.50±0.15
Ordering Grid
Contact Plating
03 = 3µ" Gold
USB4180
03
0120
Shell Stake Length "S"
0120 = 1.20mm
C
Packing Options
C = Tape & Reel with Cap
(400 per reel)
Request Samples
and Quotation
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
Type C Plug, Vertical, SMT, For Power Charging Only
6 Pin, Without Latches
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4180
A
24th March 2023
24/03/23
www.gct.co


Similar Part No. - USB4180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105 ETC-USB4105 Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
logo
Global Connector Techno...
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
USB4110 ETC-USB4110 Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
More results

Similar Description - USB4180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
154-FWW20 ETC2-154-FWW20 Datasheet
151Kb / 1P
6 Pin Plug Solder Type
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4125 GCT-USB4125 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
28th September 2020
USB4130 GCT-USB4130 Datasheet
175Kb / 2P
USB Type C Receptacle, Vertical, SMT, For Power charging only
26th November 2020
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
USB4140 GCT-USB4140 Datasheet
230Kb / 4P
USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
25th February 2022
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com