Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4200 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB4200
Description  USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4200 Datasheet(HTML) 3 Page - Global Connector Technology

  USB4200 Datasheet HTML 1Page - Global Connector Technology USB4200 Datasheet HTML 2Page - Global Connector Technology USB4200 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ø13
W+0.5
165°~180°
Direction of Unreeling
Peeling
Angle
Label
Direction of Unreeling
Empty 240mm
Empty 240mm
450 PCS
Inner Carton
Paper Board
Reel and Tape
400
400
Paper Board
Vacuum Bag
Folder Paper Board
Outer Carton
Pcs /
Reel
Reels /
Carton
Total
Quantity
450
8
3600 pcs
4.0
16.0
2.0
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/3
USB3.2 Gen2, Type C Receptacle, Dual Row SMT,
Flag Type, PCB Top Mount, 24 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4200
A
2nd March 2023
06/03/23
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com