Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4200 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4200
Description  USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4200 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4200 Datasheet HTML 1Page - Global Connector Technology USB4200 Datasheet HTML 2Page - Global Connector Technology USB4200 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.65±0.25
14.30±0.30
8.10±0.10
1.20±0.10
1.70±0.10
3.15±0.10
5.50±0.20
7.6±0.10
Ø0.80±0.05
0.25±0.20
A1
B12
A12
B1
1.20±0.05
2.56±0.04
0.70±0.05
4.52
0.10
4.65
4.45±0.10
8x 0.50±0.20
16x3.35±0.15
Ø1.00±0.05
6.0±0.25
5.55 ref.
Pick & Place Area
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy, T=0.12mm
Mid Plate: Stainless Steel, T=0.15mm
EMI Plate: Stainless Steel, T=0.10mm
Shell: Stainless Steel, T=0.30mm
Plating
Contact
Contact Area: 3µ" Gold over 50µ" min. Nickel
Solder Tails: Gold Flash over 50µ" min. Nickel
Shell&EMI Plate: 50µ" min. Nickel
Mid Plate: Clear
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for A5/B5 pin
0.25A per pin for all other pins
Voltage Rating: 48V DC
Power Rating: 240W
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -40°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 20,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB3.2 Gen2, Type C Receptacle, Dual Row SMT,
Flag Type, PCB Top Mount, 24 Pin
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4200
A
2nd March 2023
06/03/23
www.gct.co
Ordering Grid
Request Samples
and Quotation
USB4200
A
Packing Options
A = Tape & Reel
(450pcs/Reel)
03
Contact Plating
03 = 3µ" Gold
2.00 Min
Plug and Receptacle Mating View
A1
A12
B12
B1
Ø2.00


Similar Part No. - USB4200

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
USB400J ENOCEAN-USB400J Datasheet
144Kb / 1P
USB Gateway
April 2022
logo
Global Connector Techno...
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4056-03-A GCT-USB4056-03-A Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
More results

Similar Description - USB4200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
USB4160 ETC-USB4160 Datasheet
902Kb / 4P
USB32. Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28/06/22
logo
Global Connector Techno...
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4080 GCT-USB4080 Datasheet
195Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
15/07/21
USB4115 GCT-USB4115 Datasheet
176Kb / 3P
USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
07/10/21
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4525 GCT-USB4525 Datasheet
180Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, Mid Mount, 0.8mm Offset, 24 Pin
08/07/22
USB4081 GCT-USB4081 Datasheet
189Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Dual Row SMT, Horizontal, PCB Top Mount
21st December 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com