Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV62 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCV62
Description  PNP general purpose double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCV62 Datasheet HTML 1Page - NXP Semiconductors BCV62 Datasheet HTML 2Page - NXP Semiconductors BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 08
2
Philips Semiconductors
Product specification
PNP general purpose double transistor
BCV62
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 30 V)
• Matched pair.
APPLICATIONS
• For use in applications where the working point must be
independent of temperature
• Current mirrors.
DESCRIPTION
PNP double transistor in a SOT143B plastic package.
NPN complement: BCV61.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BCV62
3Mp
BCV62B
3Kp
BCV62A
3Jp
BCV62C
3Lp
PINNING
PIN
DESCRIPTION
1
collector TR2; base TR1 and TR2
2
collector TR1
3
emitter TR1
4
emitter TR2
Fig.1 Simplified outline (SOT143B) and symbol.
handbook, halfpage
4
12
3
MAM292
Top view
21
34
TR1
TR2
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage TR1
open emitter
−−30
V
VCEO
collector-emitter voltage TR1
open base
−−30
V
VEBS
emitter-base voltage
VCE =0
−−6V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current TR1
−−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com