Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV62 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCV62
Description  PNP general purpose double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV62 Datasheet(HTML) 4 Page - NXP Semiconductors

  BCV62 Datasheet HTML 1Page - NXP Semiconductors BCV62 Datasheet HTML 2Page - NXP Semiconductors BCV62 Datasheet HTML 3Page - NXP Semiconductors BCV62 Datasheet HTML 4Page - NXP Semiconductors BCV62 Datasheet HTML 5Page - NXP Semiconductors BCV62 Datasheet HTML 6Page - NXP Semiconductors BCV62 Datasheet HTML 7Page - NXP Semiconductors BCV62 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
PNP general purpose double transistor
BCV62
Notes
1. Decreasing
−1.7 mV/°C with increasing temperature.
2. Decreasing
−2 mV/°C with increasing temperature.
3. Device, without emitter resistors, mounted on an FR4 printed-circuit board.
Transistors TR1 and TR2
current matching of transistors
TR1 and TR2
IE2 = 0.5 mA; VCE1 = −5 V; Tamb ≤ 25 °C
0.7
−
1.3
IE2 = 0.5 mA; VCE1 = −5 V; Tamb ≤ 150 °C
0.7
−
1.3
IE2
emitter current for thermal
stability of
−IC1
VCE1 = −5 V; note 3 ; (see Fig.2)
−−
5mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
I
C1
I
E2
-------
Fig.2 Test circuit current matching.
VCE1 = -5 V; device, without emitter resistors, mounted on an
FR4 printed-circuit board.
Voltage drop at contacts:
.
V
CO
2
3
---
< U
T ^
=16 mV
handbook, halfpage
MBK081
A
VCO
IC1
A
IE2
VCO
34
TR2
IE2 = constant
−VCE1
TR1
21
Fig.3 BCV62 with emitter resistors.
handbook, halfpage
MBK080
A
IC1
34
TR2
IE2 = constant
RE
RE
−VCE1
TR1
21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com