Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV63 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCV63
Description  NPN general purpose double transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV63 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCV63 Datasheet HTML 1Page - NXP Semiconductors BCV63 Datasheet HTML 2Page - NXP Semiconductors BCV63 Datasheet HTML 3Page - NXP Semiconductors BCV63 Datasheet HTML 4Page - NXP Semiconductors BCV63 Datasheet HTML 5Page - NXP Semiconductors BCV63 Datasheet HTML 6Page - NXP Semiconductors BCV63 Datasheet HTML 7Page - NXP Semiconductors BCV63 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 21
2
Philips Semiconductors
Product specification
NPN general purpose double transistors
BCV63; BCV63B
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 30 and 6 V).
APPLICATIONS
• General purpose switching and amplification
• For use in Schmitt-trigger applications.
DESCRIPTION
NPN double transistor in a SOT143B plastic package.
PNP complement: BCV64B.
PINNING
PIN
DESCRIPTION
1
collector TR2 and base TR1
2
collector TR1
3
emitter TR1 and TR2
4
base TR2
Fig.1 Simplified outline (SOT143B) and symbol.
handbook, halfpage
4
12
3
MAM316
Top view
21
34
TR2
TR1
MARKING
TYPE NUMBER
MARKING CODE
BCV63
D95
BCV63B
D96
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on a printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
TR1
−
30
V
TR2
−
6V
VCEO
collector-emitter voltage
open base
TR1
−
30
V
TR2
−
6V
VEBO
emitter-base voltage
open collector
−
6V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IB
base current (DC)
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com