Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV63 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCV63
Description  NPN general purpose double transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCV63 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCV63 Datasheet HTML 1Page - NXP Semiconductors BCV63 Datasheet HTML 2Page - NXP Semiconductors BCV63 Datasheet HTML 3Page - NXP Semiconductors BCV63 Datasheet HTML 4Page - NXP Semiconductors BCV63 Datasheet HTML 5Page - NXP Semiconductors BCV63 Datasheet HTML 6Page - NXP Semiconductors BCV63 Datasheet HTML 7Page - NXP Semiconductors BCV63 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 21
3
Philips Semiconductors
Product specification
NPN general purpose double transistors
BCV63; BCV63B
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on a printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Notes
1. Group selection will be done on TR1. Due to matched dies, hFE values for TR2 are the same as for TR1.
2. VBEsat decreases by approximately 1.7 mV/K with increasing temperature.
3. VBE decreases by approximately 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−−
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
−−
5
µA
hFE
DC current gain
BCV63 TR1
IC = 2 mA; VCE =5V
110
−
800
BCV63 TR2
IC = 2 mA; VCE = 700 mV; note 1
110
−
800
BCV63B TR1
IC = 2 mA; VCE = 5 V
200
−
450
BCV63B TR2
IC = 2 mA; VCE = 700 mV; note 1
200
−
450
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA
−
75
300
mV
collector-emitter saturation voltage IC = 100 mA; IB =5mA
TR1
−
250
650
mV
TR2
−
250
−
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 2
−
700
−
mV
base-emitter saturation voltage
IC = 100 mA; IB = 5 mA; note 2
TR1
−−850
−
mV
VBE
base-emitter voltage
TR1
IC = 2 mA; VCE = 5 V; note 3
600
650
750
mV
TR1
IC = 10 mA; VCE = 5 V; note 3
−−
820
mV
TR2
IC = 2 mA; VCE = 700 mV; note 3
−
700
−
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
TR1
−
4
−
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
TR1
100
−−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com