Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603EEC/D Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC603EEC/D Datasheet HTML 17Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 18Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 19Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 20Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 21Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 22Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PID6-603e Hardware Specifications, Rev 2
21
1.7.1.2 Mechanical Dimensions of the CQFP Package
Figure 11 shows the mechanical dimensions of the Motorola CQFP package.
Figure 11. Mechanical Dimensions of the Wire-Bond CQFP Package
*Reduced pin count shown for clarity. 60 pins per side
Min.
Max.
A
30.86 31.75
B
34.6 BSC
C
3.75
4.15
D
0.5 BSC
E
0.18
0.30
F
3.10
3.90
G
0.13
0.175
H
0.45
0.55
J
0.25
–
AA
1.80 REF
AB
0.95 REF
θ12°
6°
θ21°
7°
R
0.15 REF
–H–
AB
θI
R
R
AA
θ2
H
Pin 240
C
A
B
Pin 1
DE
*Not to scale
G
F
J
Die
Wire Bonds
Ceramic Body
Alloy 42 Leads
Notes: 1. BSC—Between Standard Centers.
2. All measurements in mm.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com