Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603EEC/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC603EEC/D Datasheet HTML 24Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 25Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 26Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 27Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 28Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 29Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 30Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 31Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
PID6-603e Hardware Specifications, Rev 2
Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 14). This spring force should not exceed 5.5 pounds of force. Therefore, the synthetic grease offers
the best thermal performance, considering the low interface pressure. Of course, the selection of any thermal
interface material depends on many factors—thermal performance requirements, manufacturability, service
temperature, dielectric properties, cost, etc.
Figure 16. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interface. Heat sink adhesive materials
should be selected based upon high conductivity, yet adequate mechanical strength to meet equipment
shock/vibration requirements. There are several commercially-available thermal interfaces and adhesive
materials provided by the following vendors:
Dow-Corning Corporation
517-496-4000
Dow-Corning Electronic Materials
PO Box 0997
Midland, MI 48686-0997
Chomerics, Inc.
617-935-4850
77 Dragon Court
Woburn, MA 01888-4850
0
0.5
1
1.5
2
0
1 02 0
3 04 05 06 07 08 0
Graphite/Oil Sheet (0.005 inch)
Silicone Sheet (0.006 inch)
Floroether Oil Sheet (0.007 inch)
Synthetic Grease
Bare Joint
Contact Pressure
(psi)
Contact Pressure (psi)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com