Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52P Datasheet(PDF) 7 Page - ITT Industries

Part # 2DB52P
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52P Datasheet(HTML) 7 Page - ITT Industries

Back Button 2DB52P Datasheet HTML 3Page - ITT Industries 2DB52P Datasheet HTML 4Page - ITT Industries 2DB52P Datasheet HTML 5Page - ITT Industries 2DB52P Datasheet HTML 6Page - ITT Industries 2DB52P Datasheet HTML 7Page - ITT Industries 2DB52P Datasheet HTML 8Page - ITT Industries 2DB52P Datasheet HTML 9Page - ITT Industries 2DB52P Datasheet HTML 10Page - ITT Industries 2DB52P Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
65
www.ittcannon.com
Centi-D Loc-.075" Contact Spacing
CDL
How to Order
A subminiature all plastic high density "D" rectan-
gular connector. The CDL is a general purpose
connector with a peripheral o-ring and wire sealing
gasket. Connector utilizes rear insertion, front re-
lease, crimp snap-in size 22, centi-loc contacts
installable by the custormer or, if preferred, by the
factory.
MATERIAL
Insulator:
Dielectric Gasket:
Contact:
Seal Ring
Black Nylon
Polychloroprene
Copper Alloy, Gold Plated
Silicone
SERIES
SERIES
Centi-D Loc Series
139
(Consult customer service for other sizes)
P - Centi-loc pin
S - Centi-loc socket
F0 - Less contacts
2
2A
- No lock (mtg. holes)
- No lock type with rear gasket
CONTACT ARRANGEMENT
CONTACT STYLE
MODIFICATION CODES
TYPE
CDL 2A
139
F0
P
*
-
--
TYPE
CONTACT ARRANGEMENT
CONTACT STYLE
MODIFICATION CODES
RoHS
COMPLIANCE
R
Plug
2.344 (59.54)
± .005 (0.13)
.625 (15.88)
± .010 (0.25)
.260 (6.60)
± .010 (0.25)
.540 (13.72)
MAX.
.150 (3.81)
± .010 (0.25)
2.025 (51.44)
MAX.
Plug
Receptacle
SILICONE
SEAL RING
CONTACT
HEIGHT
.035 (0.89)
.015 (0.38)
2.625 (66.68)
.560 (14.22)
MAX.
CAVITY #1
.625 (15.88)
± .010 (0.25)
.175 (4.44) MAX.
CONTACT
HEIGHT
.065 (1.65)
.045 (1.14)
.535
(13.59)
MAX.
.150 (3.81)
± .010 (0.25)
2.025 (51.44) MAX.
CAVITY #1
Recommended Panel Cutouts
.125 (3.18)
DIA. TYP.
.565 (14.35)
± .005 (0.13)
.2035 (51.69)
± .016 (0.41)
.063 (1.60)
RAD. MAX.
2.344 (59.54)
± .005 (0.13)
Contact Arrangements
Plug
Receptacle
CAVITY #1
CAVITY #1
CAVITY #70
Engaging Face View
CAVITY #70
CAVITY #117
CAVITY #117
CAVITY #92
CAVITY #92
CAVITY #139
CAVITY #139
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com