Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DB52P Datasheet(PDF) 8 Page - ITT Industries

Part # 2DB52P
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DB52P Datasheet(HTML) 8 Page - ITT Industries

Back Button 2DB52P Datasheet HTML 3Page - ITT Industries 2DB52P Datasheet HTML 4Page - ITT Industries 2DB52P Datasheet HTML 5Page - ITT Industries 2DB52P Datasheet HTML 6Page - ITT Industries 2DB52P Datasheet HTML 7Page - ITT Industries 2DB52P Datasheet HTML 8Page - ITT Industries 2DB52P Datasheet HTML 9Page - ITT Industries 2DB52P Datasheet HTML 10Page - ITT Industries 2DB52P Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Strip Connectors - .100"/.075" Contact Spacing
CTA
Components and Accessories
66
www.ittcannon.com
CENTI-LOC connectors are low-cost nylon
strip connectors designed for commercial
applications such as instrumentation, commu-
nications, and medical equipment. They are
available in continuous strip form up to a max-
imum length of 6 inches (152.40mm), accom-
modating from 1 to 60 rear insertion, front
release, crimp snap-in size 22 CENTIPINTM/
CENTISOCKETTM contacts. These contacts
utilize a proven positive contact alignment
design, giving additional contact strength and
positive contact alignment during mating.
These connectors can be ordered in kit or bulk
form. The kit comprises all the parts necessary
to assemble one complete 6-inch (152.40) strip
connector with 60 contacts on .100 (2.54) cen-
ters or a 4-inch (101.60mm) strip with 53 con-
tacts on .075 (1.91) centers. If more then one
connector is required, the parts can be ordered
in bulk and assembled as desired.
The CENTI-LOC strip connector can be ordered in
kit or bulk form. The kit includes matin g insulators
with a full compliment of contacts and two guide
posts. If more than one connector is required, the
parts can be ordered in bulk and assembled as
desired.
The guide posts and polarizing posts are inserted in the same manner as the contacts. The guide
posts are inserted into the socket insulator and the polarizing posts are inserted into the pin
insulator. The corresponding contact in the mating insulator must be removed for each.
See assembly instructions.
Kit Form
Insulator
Part
Number
CTA3-KIT
CTA4-KIT
CTA3-CTA4-KIT
Part
Number
Contact
Center
Spacing
Type
Material
CTA3-IP-53
CTA3-IS-53
CTA4-IP-60
CTA4-IS-60
CTA-GP
CTA-PP
.075 (1.91)
.075 (1.91)
.100 (2.54)
.100 (2.54)
Pin
Socket
Pin
Socket
P/N 230-9507-000
P/N 230-9506-000
Nylon
Nylon
Nylon
Nylon
Passivated Stainless Steel
Passivated Stainless Steel
Insulator
Guide Post
Polarizing Post
.075 (1.91)
.100 (2.54)
.075 (1.91) & .100 (2.54)
Contact
Center spacing
Guide Posts
Polarizing Posts
.475 (12.06)
MAX.
.275 (6.98)
MAX.
Kits include mating insulators with full
complement of contacts and two guide posts.
Dimensional Data
Weights
CTA3-.075(1.91) Centers
CTA4-.100(2.54) Centers
4.031 (102.39)
MAX.
.040 (1.02) MIN.
.040 (1.02) MIN.
.115 (2.92)
MAX.
.115 (2.92)
MAX.
.100 (2.54)
TYP.
6.031 (153.19)
MAX.
.075 (1.91)
TYP.
Part
Number
No. of
Contacts
Contacts
Type
Avy. Weight
oz.
± 5%
gm.
pin
socket
pin
socket
.185
.203
.230
.241
5.25
5.75
6.30
6.90
CTA3
CTA4
53
60
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com