Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603EC/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 16Page - NXP Semiconductors MPC603EC/D Datasheet HTML 17Page - NXP Semiconductors MPC603EC/D Datasheet HTML 18Page - NXP Semiconductors MPC603EC/D Datasheet HTML 19Page - NXP Semiconductors MPC603EC/D Datasheet HTML 20Page - NXP Semiconductors MPC603EC/D Datasheet HTML 21Page - NXP Semiconductors MPC603EC/D Datasheet HTML 22Page - NXP Semiconductors MPC603EC/D Datasheet HTML 23Page - NXP Semiconductors MPC603EC/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
20
603 Hardware Specifications
1.7.2.2 Mechanical Dimensions of the IBM C4-CQFP Package
Figure 11 shows the mechanical dimensions for the IBM C4-CQFP package.
Figure 11. Mechanical Dimensions of the IBM C4-CQFP Package
*Reduced pin count shown for clarity. 60 pins per side
min
max
A
31.8
32.2
B
34.4
34.8
C
2.33
2.93
D
0.45
0.55
E
0.18
0.28
F
0.585
0.685
G
0.12
0.20
H
0.40
0.60
Jmin
0.30
0.40
Ang
0.0
°
5.0
°
Rad
—
0.25
Clip Leadframe
Chip
Tape Cast Ceramic
Epoxy Dam
Urethane
Solder-Bump Encapsulant
H
Jmin
Radius
0.08
F
G
A
B
E
0.13 TOTAL
s
A-B
-C-
0.13 TOTAL
s
A-B
0.08 TOTAL M
A-B
D
-A-
Pin 240
Pin 1
* Not to scale
All measurements in mm
Ang
-B-
C
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com