Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC603EC/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC603EC/D
Description  PowerPC 603™ RISC Microprocessor Hardware Specifications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EC/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC603EC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EC/D Datasheet HTML 11Page - NXP Semiconductors MPC603EC/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
603 Hardware Specifications
Figure 1 provides the SYSCLK input timing diagram.
Figure 1. SYSCLK Input Timing Diagram
1.4.2.2 Input AC Specifications
Table 7 provides the input AC timing specifications for the 603 as defined in Figure 2 and Figure 3.
Table 7. Input AC Timing Specifications
Vdd = 3.3
± 5% V dc, GND = 0 V dc, 0 ≤ T
j ≤ 105 °C
Num
Characteristic
66C
66A
80C
Unit
Notes
Min
Max
Min
Max
Min
Max
10a
Address/data/transfer attribute inputs valid to
SYSCLK (input setup)
4.0
—
2.5
—
3.5
—
ns
2
10b
All other inputs valid to SYSCLK (input setup)
6.0
—
4.5
—
5.5
—
ns
3
10c
Mode select inputs valid to HRESET (input
setup) (for DRTRY, QACK and TLBISYNC)
8 *
tsysclk
—
8 *
tsysclk
—
8 *
tsysclk
—
ns
4, 5, 6
11a
SYSCLK to address/data/transfer attribute
inputs invalid (input hold)
1.0
—
1.0
—
1.0
—
ns
2
11b
SYSCLK to all other inputs invalid (input hold)
1.0
—
1.0
—
1.0
—
ns
3
11c
HRESET to mode select inputs invalid (input
hold) (for DRTRY, QACK, and TLBISYNC)
0—0—0—
ns
4, 6
Notes:
1. All input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the 1.4 V of the
rising edge of the input SYSCLK. Both input and output timings are measured at the pin (see Figure 2).
2. Address/data/transfer attribute input signals are composed of the following—A[0–31], AP[0–3], TT[0–4],
TC[0–1], TBST, TSIZ[0–2], GBL, DH[0–31], DL[0–31], DP[0–7].
3. All other input signals are composed of the following—TS, XATS, ABB, DBB, ARTRY, BG, AACK, DBG, DBWO,
TA, DRTRY, TEA, DBDIS, HRESET, SRESET, INT, SMI, MCP, TBEN, QACK, TLBISYNC.
4. The setup and hold time is with respect to the rising edge of HRESET (see Figure 3). This specification is for
configuration-mode only. Also note that HRESET must be held asserted for a minimum of 255 bus clocks after
the PLL-relock time (100
µs) during the power-on reset sequence.
5. tsysclk is the period of the external clock (SYSCLK) in nanoseconds.
6. These values are guaranteed by design, and are not tested.
VM
CVil
CVih
SYSCLK
2
3
1
4
VM = Midpoint Voltage (1.4 V)
4
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com