Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7004-01-OB-A2-R1 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7004-01-OB-A2-R1
Description  Network Interface Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7004-01-OB-A2-R1 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7004-01-OB-A2-R1 Datasheet HTML 1Page - Bourns Electronic Solutions 7004-01-OB-A2-R1 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns® Model 7004 NID provides a secure and weather-resistant enclosure for Telco service for residential or commercial
installations. The Model 7004 supplies station protection and test access points and can be configured for a maximum of four
POTS lines or three lines with DSL. The Model 7004 features convenient cable knockouts and generous working space for wire
management.
7004 Series - Network Interface Device
Asia-Pacific:
TEL +886- (0)2 25624117
FAX +886- (0)2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500
FAX +1-951 781-5700
www.bourns.com
UL
®
Reliable Electronic Solutions
Features
■
Expands to add POTS lines, DSL or both
■
Manufactured from high-impact resistant, ultraviolet desensitized, flame retardant,
UL Recognized plastic
■
Optional sealed switching jacks with Insulation Displacement Connectors (IDCs)
■
Subscriber lockable with Telco override
■
Convenient ground attachment
■
Listed per UL 497 (File: E53117)
Model Number Designator
Number of Twisted Pairs
1 = One
3 = Three
2 = Two
4 = Four
Station Protector Options
D1 =455HS-MSP (2377-45-HS) Voice/Data/DSL (UL,cUL)
Z1 = 455HS-BC* (2377-45-BC) Balance-Sensitive DSL (UL, cUL)
E2 = 155HS-MSP (2378-35-HS) Voice/DSL/Data (UL, cUL)
Y2 = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL (UL, cUL)
B = 125EW (2374-01) Dual Gas Tube (UL, cUL, Telcordia)
C = 125EW-R (2375-01) Dual Gas Tube (UL, cUL, RUS)
L = 356M (2377-01) Balanced Gas Tube (UL, cUL, RUS)
M = J130S (2380-27-01) Solid State Protector (UL, cUL)
T = Tii355M
O = No Station Protectors (Not available with DSL configurations)
*For DSL systems requiring capacitive balance within 1 pF.
Note 1 = Digi.Guard - 356 size, RUS Maximum Duty.
Note 2 = Digi.Guard II - 125 size, RUS Heavy Duty.
Special Options
H = Security Screw in security plate
S = Sealed Switching Jack w/IDC (85122-T-IDC)
F = Sealed Switching Jack 4-Post (85122-T4)
B = Expansion Bridge w/Binding Posts (85122-B)
I = Expansion Bridge w/IDC (85122-IDC)
O = No options (standard 85122 jack)
DSL Options †
A1 = One 3610A ADSL POTS Splitter
V1 = One 3630A VDSL POTS Splitter
A2 = Two 3610A ADSL POTS Splitters
V2 = Two 3630A VDSL POTS Splitters
P1 = One 3610A2 ADSL 2+ POTS Splitter
P2 = Two 3610A2 ADSL 2+ POTS Splitters
†DSL Configuration Note:
The 3610A, 3610A2 and 3630A must be ordered with option D, Z, E or Y
Station Protectors.
7004 NIDs ordered with DSL units will include Special Option F (4-post sealed
switching jacks). Example: 7004-01-DF-P1
DSL Equalization
R1 = One 3660 Equalization Module
To add lines, use station protector +
85122
Standard Jack (Not available with DSL configurations)
85122-T4
Sealed Switching Jack, 4-post
85122-T-IDC Sealed Switching Jack w/IDC
How To Order
7004 - 0X - X X - XX - XX


Similar Part No. - 7004-01-OB-A2-R1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7004-RC BOURNS-7004-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
More results

Similar Description - 7004-01-OB-A2-R1

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7344 PMC-PM7344 Datasheet
1Mb / 293P
SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
logo
National Semiconductor ...
DP8391 NSC-DP8391 Datasheet
175Kb / 10P
Serial Network Interface
logo
Bourns Electronic Solut...
708X BOURNS-708X Datasheet
393Kb / 1P
Network Interface Device
7032 BOURNS-7032 Datasheet
254Kb / 2P
Network Interface Device
7090 BOURNS-7090 Datasheet
460Kb / 2P
Network Interface Device
7091 BOURNS-7091 Datasheet
393Kb / 2P
Network Interface Device
7004C BOURNS-7004C Datasheet
334Kb / 2P
Network Interface Device
7004C BOURNS-7004C_12 Datasheet
259Kb / 2P
Network Interface Device
7004C-0-DH-15 BOURNS-7004C-0-DH-15 Datasheet
259Kb / 2P
Network Interface Device
logo
EnOcean GmbH.
U70-PL-20 ENOCEAN-U70-PL-20 Datasheet
464Kb / 2P
Network Interface
DS-20001 rev 09/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com