Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM-L-CFS Datasheet(PDF) 1 Page - AAEON Technology

Part # ASDM-L-CFS
Description  Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ASDM-L-CFS Datasheet(HTML) 1 Page - AAEON Technology

  ASDM-L-CFS Datasheet HTML 1Page - AAEON Technology ASDM-L-CFS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
08-1
Note: All specifications are subject to change without notice.
www.aaeon.com
0
8
Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
ASDM-L-CFS
Specifications
Features
System
Form Factor
Intel SDM-L Module
CPU
8th/9th Generation Intel® Core™, Pentium®, and Celeron® processors (Coffee
Lake S, Coffee Lake Refresh) , TDP up to 35W
CPU Frequency
Up to 4.0 GHz
Chipset
Intel® Chipsets H310/ Q370
Memory Type
DDR4 2666 SO-DIMM x 2 (Non-ECC Support)
Max. Memory Capacity
Up to 32GB
BIOS
AMI BIOS
Wake On LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
12V DC from the Docking Board through the Edge Connector
Power Supply Type
AT/ATX
Power Consumption
(Typical)
12V, 6.08A, estimate 72.96W with i7-9700TE at 100% loading
Dimension (L x W x H)
3.94" x 6.89" x 0.79" (100 mm x 175 mm x 20 mm)
Operating Temperature
32°F ~ 131°F (0°C ~ 55°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
—
Certification
CE/FCC (Class B)
Display
Controller
Intel® UHD Graphics 630/620/610
Video Output
HDMI 2.0 x 1 (through edge connector)
DP1.2 x 1 (through Edge connector)
Audio
Through HDMI, DP by edge connector
I/O
Ethernet
LAN I219, RJ45 x 1
USB Port
USB 3.2 Gen 1 x 2 / USB 3.2 Gen 2 support by Q370
Storage
M.2 2242 B-Key
Expansion Slot
M.2 2230 E-Key
TPM2.0(optional)
■ Intel® Smart Display Module-Large Size
■ 8th/9th Generation Intel® Core™ i-S series Processor (Coffee
Lake-S/ Refresh)
■ DDR4 2666 SO-DIMM x 2
■ M.2 2242 (B key) x 1, M.2 2230 (E-Key) x 1
■ USB 3.2 Gen 1 x 2 (Gen 2 supported by Q370)
■ Intel® I219 GbE x 1
■ HDMI 2.0 x 1, DP1.2 x 1 (through Edge Connector)
• ASDM-L-CFS
Optional Accessories
Part Number
Description
Qty
ASDM-L-CFS-FAN01
Coffee lake.CPU Cooler.132.5*96.5*15.9mm.Coppery+Black.ASDM-L-CFS
1
ASDM-L-CFS-FAN02
Coffee lake.CPU Cooler.132.5*96.5*15.9mm.Aluminum+Black.ASDM-L-CFS 1
ASDM-L-BRKT01
ASDM.Coffee Lake.IO Bracket.195*25*18mm.for ASDM-L-CFS
1
ASDM-CRB-A12-0001 ASDM Carrier Board.HDMI.DP.3USB.1COM.MicroSD.Rev A1.2
1
Packing List
USB 3.2 Gen 1/ Gen 2 x 2
GbE x 1
Power Button
USB 3.2 Gen 1 USB 3.2 Gen 2


Similar Part No. - ASDM-L-CFS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASDM ABRACON-ASDM Datasheet
470Kb / 6P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
09-21-23
ASDM1 ABRACON-ASDM1 Datasheet
102Kb / 1P
ULTRA MINIATURE PURE SILICON CLOCK OSCILLATORS
08.22.07
ASDM1-10.000MHZ-LC-T ABRACON-ASDM1-10.000MHZ-LC-T Datasheet
470Kb / 6P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON™ CLOCK OSCILLATORS
09-21-23
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
More results

Similar Description - ASDM-L-CFS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
BOXER-6641-PRO AAEON-BOXER-6641-PRO Datasheet
527Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6641 AAEON-BOXER-6641 Datasheet
656Kb / 2P
Fanless Embedded Box PC with Socket Type 8th Generation Intel® Processor
2022/02/18
logo
BCM Advanced Research.
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
logo
AAEON Technology
BOXER-6839-CFL AAEON-BOXER-6839-CFL Datasheet
614Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6840-CFL AAEON-BOXER-6840-CFL Datasheet
562Kb / 2P
High Computing Power Embedded Controller with 8th/9th Generation Intel® Processor
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
VPC-5620S AAEON-VPC-5620S Datasheet
2Mb / 2P
Multi-PoE & Fanless Appliance with 8th Generation Intel® Processor
2022/12/06
logo
Advantech Co., Ltd.
POC-421 ADVANTECH-POC-421 Datasheet
996Kb / 5P
21" Multimodal Terminal with 8th Generation Intel® Processor
2-Nov-2022
POC-424 ADVANTECH-POC-424 Datasheet
1Mb / 5P
24" Multimodal Terminal with 8th Generation Intel® Processor
2-Nov-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com