Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASDM-L-CFS Datasheet(PDF) 2 Page - AAEON Technology

Part # ASDM-L-CFS
Description  Intel® Smart Display Module-Large Size with 8th/9th Generation Intel®Coffee Lake -S / Refresh series Processor (Socket Type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ASDM-L-CFS Datasheet(HTML) 2 Page - AAEON Technology

  ASDM-L-CFS Datasheet HTML 1Page - AAEON Technology ASDM-L-CFS Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-2
Note: All specifications are subject to change without notice.
www.aaeon.com
0
8
ASDM-L-CFS
Block Diagram
Dimension
Unit: mm
Ordering Information
Ordering Information
Part Number
CPU
Chipset
Fan/Fanless
Display
Memory
Storage
LAN
USB
Expansion Slot
Power
Power Temp
ASDM-L-CFS-A10-0003 8th/9th Gen Coffee Lake-S/Refresh Socket Type
H310
Fan
HDMI 2.0 x 1
DP 1.2 x 1
DDR4 SO-DIMM x 2 M.2 2242 B-Key x 1 GbE x 1
USB 3.2 Gen 1 x 2
M.2 2230 E-Key x 1
+12V, AT/ATX
0°C ~ 55°C
ASDM-L-CFS-A10-0004 8th/9th Gen Coffee Lake-S/Refresh Socket Type
Q370
Fan
HDMI 2.0 x 1
DP 1.2 x 1
DDR4 SO-DIMM x 2 M.2 2242 B-Key x 1 GbE x 1
USB 3.2 Gen 2 x 2
M.2 2230 E-Key x 1
+12V, AT/ATX
0°C ~ 55°C
1
USB 3.2 Gen1 x2
(USB3.2 Gen 2 support by Q370)
USB 3.2 Gen1 x2
DDI1 / DP 1.2 x 1
Channel 0/1
SO-DIMM X 2
up to 32GB
SPI
BIOS
Intel
i219LM
PCIe [x1]
GbE
RJ45
SATA
M.2 E Key
for
WLAN
DDI2 / HDMI 2.0 x 1
8th / 9th
Intel®
Coffee Lake S
CPU
USB 3.2 Gen1 x 1
GSPI
I2C1
EC
HW
Monitor
PCIe [x1], USB
M.2 B Key
for
Storage
Intel® PCH
H310 / Q370
DMI
LPC
I2C0
TPM
FAN
PCIe [x1] x1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com