Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-ADSC.HPC-RPSC Datasheet(PDF) 1 Page - AAEON Technology

Part # HPC-ADSC.HPC-RPSC
Description  COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HPC-ADSC.HPC-RPSC Datasheet(HTML) 1 Page - AAEON Technology

  HPC-ADSC.HPC-RPSC Datasheet HTML 1Page - AAEON Technology HPC-ADSC.HPC-RPSC Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-23
0
4
Note: All specifications are subject to change without notice.
www.aaeon.com
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
HPC-ADSC / HPC-RPSC
Features
Specifications
■ 12th/13th Gen Intel® Core™ Series LGA1700 Processors (Formerly
Alder Lake-S/Raptor Lake-S)
■ Intel® R680E Series Chipset
■ DDR5 w/ECC 4800MHz SODIMM x 2, up to 64GB
■ 2.5GbE x 2
■ M.2 2280 M-Key x 1
■ SATA III x 2
■ PCIe Gen 5 [x16] x 1, PCIe Gen 4 [x4] x 3, PCIe Gen 3 [x1] x 8
■ USB 3.2 x 6 (up to 20Gbps x 2, 10Gbps x 4)
■ GPIO x 12, SMbus, I2C x 1
■ COM HPC Client Type, Size C (160mm x 120mm)
Packing List
• HPC-RPSC-A10-0001
COM HPC Client Size C.FCLGA1700 CPU skt.R680E.2xDDR5.3xDDI.eDP.2xi226.TPM2.0.for RPS.A1.0
Optional Accessories
• HPC-RPSC-FAN01
COM HPC Client Size C.LGA1700 CPU skt.R680E.2xDDR5.3xDDI.eDP.2xi226.TPM2.0.A1.0
• ECB-980A-A10-0001
COM HPC Client Carrier.Size A/B/C.HDMI.DP.2GbE.3USB(TypeC).2SATA.PCIe.ATX.A1.0
System
Form Factor
COM-HPC R1.0 Client Size C
CPU
12th/13th Gen Intel® Core™ Series LGA1700 Processors (Formerly Alder
Lake-S/Raptor Lake-S)
CPU Frequency
Up to 2.30 GHz, 16 Core, i9-12900E
Chipset
Intel® R680E
Memory Type
DDR5 4800MHz SODIMM x 2
Max. Memory Capacity
Up to 64GB (ECC)
BIOS
AMI BIOS (UEFI)
Wake on LAN
Yes
Watchdog Timer
255 Levels
Power Requirement
+12V and +5VSB for ATX, +12V for AT
Power Supply Type
AT/ATX
Power Consumption
(Typical)
7.13A@12V, i9-12900E
Dimension (L x W)
6.30" x 4.72" (160mm x 120mm)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Certification
CE / FCC Class A
Display
Graphic Controller
Intel®UHD Graphics 770
Video Output
eDP x 1, DDI x 3
I/O
Ethernet
2.5GbE: Intel® I226LM x 2
Audio
—
USB Port
USB 3.2 x 4 (Type-C, 20Gbps x 2, 10Gbps x 2)
USB 3.2 x 2 (Type-A, 10Gbps)
USB 2.0 x 8
Serial Port
4-Wire UART x 2
HDD Interface
SATA III x 2
Expansion Slot
M.2 2280 M-Key
PEG [x16] x 1, split to PEG [x8] x 2 by BOM
PCIe [x4] x 3
PCIe [x1] x 8
eSPI x 1
SPI x 1
I2C x 1
SMBus x 1
GPIO
12-bit
Onboard Storage
—
TPM
TPM 2.0
CPU
Core /
Thread
Performance-core/
Efficient-core Base
Frequency
Performance-core/
Efficient-core Max
Turbo Frequency
Operating
Temperature
Range
TDP
Graphic
i9-12900E 16c/24t
2.30GHz/1.70GHz
5.00GHz/3.80GHz
0~60°C
65W Intel® UHD Graphics 770
i7-12700E 12c/20t
2.10GHz/1.60GHz
4.80GHz/3.60GHz
0~60°C
65W Intel® UHD Graphics 770
i7-12700
12c/20t
2.10GHz/1.60GHz
4.80GHz/3.60GHz
0~60°C
65W Intel® UHD Graphics 770
i5-12400
6c/12t
2.50GHz/-
4.40GHz/-
0~60°C
65W Intel® UHD Graphics 730
i9-12900TE 16c/24t
1.10GHz/1.00GHz
4.80GHz/3.60GHz
0~60°C
35W Intel® UHD Graphics 730
i5-12400T 6c/12t
1.80GHz/-
4.20GHz/-
0~60°C
35W Intel® UHD Graphics 730
i3-12100TE 4c/8t
2.10GHz/-
4.00GHz/-
0~60°C
35W Intel® UHD Graphics 730
G7400E
2c/4t
3.60GHz/-
—
0~60°C
46W Intel® UHD Graphics 710
G6900TE
2c/2t
2.40GHz/-
—
0~60°C
35W Intel® UHD Graphics 710
i9-13900E 24c/32t
1.80GHz/1.30GHz
5.20GHz/4.00GHz
0~60°C
65W Intel® UHD Graphics 770
i9-13900
24c/32t
2.00GHz/1.50GHz
5.20GHz/4.20GHz
0~60°C
65W Intel® UHD Graphics 770
i7-13700E 16c/24t
1.90GHz/1.30GHz
5.10GHz/3.90GHz
0~60°C
65W Intel® UHD Graphics 770
i5-13500E 14c/20t
2.40GHz/1.50GHz
4.60GHz/3.30GHz
0~60°C
65W Intel® UHD Graphics 770
i9-13900TE 24c/32t
1.00GHz/800MHz
5.00GHz/3.90GHz
0~60°C
35W Intel® UHD Graphics 770
i7-13700T 16c/24t
1.40GHz/1.00GHz
4.80GHz/3.60GHz
0~60°C
35W Intel® UHD Graphics 770
i3-13100TE 4c/8t
2.40GHz/-
4.10GHz/-
0~60°C
35W Intel® UHD Graphics 730
i3-13100T 4c/8t
2.50GHz/-
4.20GHz/-
0~60°C
35W Intel® UHD Graphics 730
CPU Support Chart
2023/04/19


Similar Part No. - HPC-ADSC.HPC-RPSC

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
HPC-001 PREMO-HPC-001 Datasheet
106Kb / 1P
High power planar chokes for HV applications
HPC-001 PREMO-HPC-001 Datasheet
81Kb / 2P
High Power Planar Chokes for HV Applications
HPC-002 PREMO-HPC-002 Datasheet
106Kb / 1P
High power planar chokes for HV applications
HPC-002 PREMO-HPC-002 Datasheet
81Kb / 2P
High Power Planar Chokes for HV Applications
logo
Amphenol Corporation
HPC-05PMMP-SF8001 AMPHENOL-HPC-05PMMP-SF8001 Datasheet
256Kb / 1P
NMEA2000 MICRO-C,180째 PANEL 5PIN MCONN MPIN,PLASTIC
2019-08-09
More results

Similar Description - HPC-ADSC.HPC-RPSC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-E145 ADVANTECH-DPX-E145 Datasheet
1Mb / 2P
11th Generation Intel® Core™ Gaming Platform
1-Dec-2020
DPX-S445 ADVANTECH-DPX-S445 Datasheet
1Mb / 2P
6/7th Generation Intel® Core™ Gaming platform
25-Oct-2017
SOM-C350 ADVANTECH-SOM-C350 Datasheet
460Kb / 2P
Intel® 12th Gen Core Processors (Code Name: Alder Lake S) COM-HPC® Client Size C Module
29-Jul-2022
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
ATX-Q670A AAEON-ATX-Q670A Datasheet
702Kb / 2P
ATX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W, DDR5 DRAM, Multiple Display Ports
2023/04/13
EPIC-ADS7-PUC AAEON-EPIC-ADS7-PUC Datasheet
440Kb / 2P
EPIC System with 12th Generation Intel® Core™ Processor
Features
MAX-Q670A AAEON-MAX-Q670A Datasheet
734Kb / 2P
MAX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W
2023/05/10
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
BOXER-6451-ADP AAEON-BOXER-6451-ADP Datasheet
689Kb / 2P
Fanless Compact Embedded Computer with 12th Generation Intel® Core™ Processors
2023/04/07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com