Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-ADSC.HPC-RPSC Datasheet(PDF) 2 Page - AAEON Technology

Part # HPC-ADSC.HPC-RPSC
Description  COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

HPC-ADSC.HPC-RPSC Datasheet(HTML) 2 Page - AAEON Technology

  HPC-ADSC.HPC-RPSC Datasheet HTML 1Page - AAEON Technology HPC-ADSC.HPC-RPSC Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
04-24
0
4
Note: All specifications are subject to change without notice.
www.aaeon.com
HPC-ADSC / HPC-RPSC
Unit: mm
Block Diagram
Dimension
Unit: mm
Ordering Information
Part Number
COM Express
Type
CPU
Memory Display
LVDS
Storage
LAN
USB
UART
Expansion
Power Temperature
Other
HPC-RPSC-A10-0001 COM-HPC
12th/13th Gen Intel® Core™ Series DDR5 x 2
DDI x 3
eDP
M.2 2280 M-Key i226-LM x 2
USB 2.0 x 8, USB 3.2 x 5
(Up to Gen 2 support)
4-Wire UART x 2
PEG[x16] x1
PCIe [x4] x3
PCIe [x1] x8
12V
0°C - 60°C
eSPI, SPI, I2C,
SMBus, GPIO
12th/13th Gen
Intel® Core™
Processor SoC
DMI x8 Gen4
COM-
HPC_Row
EF/GH
Embedded
Controller
IT8528
BIOS
Channel B
Intel® GbE
PHY I226-LM
COM-
HPC_Row
AB/CD
USB3.2 20Gpbs x 2
PCIe [x1] (Gen3) *8
SPI
PCIe [x4] (Gen4)
SATA3.0 *2
USB 2.0 *8
PCIe[x1]
2.5GBE
TPM2.0
4-Wire UART *2
I2C/GPIO/SMBus/HWM/ WDT
PCH R680E
BGA1045
eSPI – LPC
Bridge
SPI
DDI *2
DDI * 1
PCIe [x4] (Gen4)*1
PCIe [x16] (Gen5) *1
eSPI
LPC
DDR5 SO-DIMM*1
Channel A
eDP
PCIe [x4] (Gen4) *2
USB3.2 10Gpbs x 4
Intel
GbE PHY
i226LM
PCIe[x1]
2.5GBE
DDR5 SO-DIMM*1
eSPI
M.2_2280 M-Key



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com