Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116LS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS116LS
Description  Low-leakage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116LS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS116LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
BAS116LS
Low-leakage diode
VR (V)
0
25
20
10
15
5
aaa-022962
1.0
0.5
1.5
2.0
Cd
(pF)
0.0
f = 1 MHz; Tamb = 25 °C
Fig. 5. Diode capacitance as a function of reverse
voltage; typical values
aaa-020909
tp (ms)
10-1
103
102
1
10
1
10
IFSM
(A)
10-1
Based on square wave currents.
Tamb = 25 °C
Fig. 6. Non-repetitive forward current as a function of
pulse duration; maximum values
BAS116LS
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
3 January 2022
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com