Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116LS Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS116LS
Description  Low-leakage diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS116LS Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS116LS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS116LS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAS116LS
Low-leakage diode
3 January 2022
Product data sheet
1. General description
Low-leakage diode in an ultra small DFN1006BD-2 (SOD882BD) leadless Surface-Mounted Device
(SMD) plastic package with side-wettable flanks.
2. Features and benefits
• Switching time: max. trr = 3 µs
• Low leakage current: max. IR = 5 nA
• Repetitive peak reverse voltage: VRRM ≤ 85 V
• Low capacitance typical: Cd = 2 pF
• Ultra small and leadless SMD plastic package
• Suitable for Automatic Optical Inspection (AOI) of solder joint
3. Applications
• Low-leakage current applications
• General-purpose switching
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tamb = 25 °C
[1]
-
-
325
mA
IR
reverse current
VR = 75 V; pulsed; Tamb = 25 °C
-
-
5
nA
VR
reverse voltage
Tamb = 25 °C
-
-
75
V
VF
forward voltage
IF = 150 mA; tp ≤ 300 µs; δ ≤ 0.02;
pulsed; Tamb = 25 °C
-
-
1.25
V
VRRM
repetitive peak reverse
voltage
-
-
85
V
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; IR(meas) = 1 mA;
RL = 100 Ω; Tamb = 25 °C
-
-
3
µs
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), 70 µm single-sided copper, tin-plated and standard footprint.


Similar Part No. - BAS116LS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results

Similar Description - BAS116LS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
Low-leakage diode
1999 May 28
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Central Semiconductor C...
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
NXP Semiconductors
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS45A PHILIPS-BAS45A_15 Datasheet
122Kb / 8P
Low-leakage diode
1996 Mar 13
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
Low-leakage diode
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com