Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC601-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC601-R
Description  Speech And Music Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC601-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC601-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
SC-601
© 2002 Sensory Inc.
P/N 80-0207-A
3
Pin/Pad Assignment
SC-601
(top view of the die)
19
20
32
33
52
1
SC-601
(100-lead LQFP)
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
75
74
73
72
71
70
69
68
67
66
65
60
59
58
57
56
NC
NC
NC
55
54
53
NC
64
NC
NC
NC
63
62
61
NC
52
NC
51
NC
NC
NC
NC
DACM
VDD
DAVP
VDD
PF7
PF6
PF5
PF4
NC
1
2
3
4
5
6
7
8
9
10
11
12
20
PF3
PF2
PF1
PF0
VSS
NC
NC
13
14
15
16
17
18
19
NC
NC
NC
NC
NC
21
22
23
24
25
NAME
PIN NO.
PAD NO.
I/O DESCRIPTION
PC0 – PC7
89 → 82
8 → 1
I/O Port C general-purpose I/O (1 Byte)
PD0 – PD7
99 → 92
18 → 11
I/O Port D general-purpose I/O (1 Byte)
PE0 – PE7
46 → 39
48 → 41
I/O Port E general-purpose I/O (1 Byte)
PF0 – PF7
16 → 9
31 → 24
I/O Port F general-purpose I/O (1 Byte)
Pins PD4 and PD4 may be dedicated to the comparator function, if the comparator enable bit is set.
Scan Port Control Signals
SCANIN
37
39
I
Scan port data input
SCANOUT
33
35
O Scan port data output
SCANCLK
36
38
I
Scan port clock
SYNC
35
37
I
Scan port synchronization
TEST
34
36
I
SC-601: test modes
The scan port pins must be bonded out on any SC-601 production board.
Reference Oscillator Signals
OSCOUT
49
51
O Resistor/crystal reference out
OSCIN
48
50
I
Resistor/crystal reference in
PLL
47
49
O Phase-lock-loop filter
Digital-to-Analog Sound Output (DAC)
DACP
7
22
O Digital-to-analog plus output (+)
DACM
5
20
O Digital-to-analog minus output (–)
Initialization
RESET_
38
40
I
Initialization
Power Signals
VSS
17, 50, 90, 100
†
32, 52, 9, 19
†
-
Ground
VDD
6
†, 8, 31, 32, 91 21†, 23, 33, 34, 10 - Processor power (+)
† The VSS and VDD connections service the DAC circuitry. Their pins tend to sustain a higher current draw. A dedicated decoupling capacitor
across these pins is therefore required.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com