Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC601-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC601-R
Description  Speech And Music Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC601-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC601-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC601-R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SC-601
Speech And Music Processor
Data sheet
© 2002 Sensory Inc.
P/N 80-0207-A
1
Features
Advanced, integrated speech synthesizer for
high-quality sound.
Operates up to 12.32 MHz (Performs up to 12
MIPS)
Single chip solution for up to 24 Minutes of
speech (using 1.57 Mb of onboard program +
data ROM)
Supports high-quality synthesis
algorithms
Such as MX, CX, Simple CX, LX, ADPCM, and
Polyphonic Music
Simultaneous speech plus music capabilities
Very low-power operation, ideal for handheld
devices
Low-voltage operation, sustainable by three
batteries
Reduced power stand-by modes, less than 10
µA in deep-sleep mode
640-Word RAM
32 I/O Pins consisting of: 24 general purpose
bit configurable I/O, 8 inputs with programmable
pullup resistor and a dedicated interrupt (Key-
Scan)
Direct Speaker Driver, 32
Ω (PDM)
One-bit
comparator
with
edge-detection
interrupt service
Resistor-trimmed oscillator or 32.768kHz crystal
reference oscillator
Serial scan port for in-circuit emulation and
diagnostics
The SC-601 is sold in die form or 100-pin LQFP
package.
An emulator device is available in a ceramic
package for development (SC-614-P).
Description
The
SC-601
is
a
low-cost,
mixed-signal
processor that combines a speech synthesizer,
general-I/O, onboard ROM, and direct speaker
drive in a single package. The computational
unit utilizes a powerful DSP which gives the SC-
601 unprecedented speed and computational
flexibility compared with previous devices of its
type. The SC-601 supports a variety of speech
and audio coding algorithms, providing range of
options for speech duration and sound quality.
The device consists of a micro-DSP core,
embedded program, and data memory, and a
self-contained generation system. General-
purpose periphery is comprised of 32 bits of partially configurable I/O.
The core processor is a general-purpose 16-bit microcontroller with DSP capability. The basic core includes
computational unit (CU), data address unit, program address unit, two timers, eight level interrupt processor,
and several system and control registers. The core processor gives the SC-601 break-capability in emulation.
The processor is Harvard type for efficient DSP algorithm execution. It requires separate program and memory
blocks to permit simultaneous access. The ROM has a protection scheme to prevent third-party pirating. It is
configured in 32K 17-bit words.
The total ROM space is divided into three areas:
1. The lower 2K words are reserved by Sensory a built-in self-test
2. The upper 30K words are for user program/data
3. An additional 1 Mb data ROM provides for up to 24 minutes of speech.
SC-601 Block Diagram
16-Bit
Microprocessor
640-words
RAM
192 KBytes
ROM
TIMER 1
TIMER 2
PLLM
10-Bit
DAC
32 I/O
COMPARATOR


Similar Part No. - SC601-R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6013 FAIRVIEW-SC6013 Datasheet
27Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC6015 FAIRVIEW-SC6015 Datasheet
523Kb / 3P
BNC Female Bulkhead Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100-FR Cable
REV 2.0
SC6017 FAIRVIEW-SC6017 Datasheet
32Kb / 1P
- - 0.476"(12.1)MIN 0.500"(12.7) MIN
REV A
More results

Similar Description - SC601-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
Speech And Music Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
Speech And Music Processor
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
SPEECH AND MUSIC PROCESSORS
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
SPEECH AND MUSIC PROCESSORS
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com