Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC614-R
Description  Speech And Music Processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SC614-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC614-R Datasheet HTML 1Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 2Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 3Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 4Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 5Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 6Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 7Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 8Page - List of Unclassifed Manufacturers SC614-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SC-614
Speech And Music Processor
Data sheet
© 2003 Sensory Inc.
P/N 80-0210-C
1
Features
Advanced, integrated speech synthesizer for
high-quality sound.
Operates up to 12.32 MHz (performs up to 12
MIPS).
Single-chip solution for up to 6.8 minutes of
speech.
External ROM interface for up to 18.8 hours of
speech.
Supports high-quality synthesis algorithms such
as MX, CX, Simple CX, LX, ADPCM, and
polyphonic music.
Simultaneous speech plus music capability.
Very low-power operation, ideal for hand-held
devices.
Low-voltage operation, sustainable by three
batteries.
Reduced power stand-by modes, less than 10
µA in deep-sleep mode.
Contains 64k byte words onboard ROM (2k
words reserved).
640-word RAM.
64 I/O pins consisting of 40 general-purpose bit
configurable I/O.
8 inputs with programmable pullup resistor and
dedicated interrupt (key-scan).
16 dedicated output pins.
Direct speaker driver, 32
Ω (PDM).
One-bit
comparator
with
edge-detection
interrupt service.
Resistor-trimmed oscillator or 32.768 khz
crystal reference oscillator.
Serial scan port for in-circuit emulation and
diagnostics.
The SC-614 is sold in die form, or 100-pin
LQFP package.
An emulator device is available in a ceramic
package for development (SC-614-P).
Description
The SC-614 is a low-cost, mixed-signal processor that
combines a speech synthesizer, general-purpose I/O,
onboard ROM, and direct speaker-drive in a single
package. The computational unit utilizes a powerful new
DSP which gives the SC-614 unprecedented speed and
computational flexibility compared with previous devices
of its type. The SC-614 supports a variety of speech and
audio coding algorithms, providing a range of options
with respect to speech duration and sound quality.
The device consists of a micro-DSP core, embedded
program, and data memory, and a self-contained clock generation system. General-purpose periphery is
comprised of 64 bits of partially configurable I/O.
The core processor is a general-purpose 16-bit microcontroller with DSP capability. The basic core block
includes computational unit (CU), data address unit, program address unit, two timers, eight level interrupt
processor, and several system and control registers. The core processor gives the SC-614 break-point
capability in emulation.
The processor is Harvard type for efficient DSP algorithm execution. It requires separate program and data
memory blocks to permit simultaneous access. It is configured in 32K 17-bit words.
The total ROM space is divided into two areas:
1. The lower 2K words are reserved by Sensory for the purposes of a built-in self-test
2. The upper 30K is for user program/data
SC-614 Block Diagram
16-Bit
Microprocessor
640-words
RAM
64 KBytes
ROM
TIMER 1
TIMER 2
PLLM
10-Bit
DAC
64 I/O
COMPARATOR


Similar Part No. - SC614-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC614 SEMTECH-SC614 Datasheet
382Kb / 25P
Low Noise Backlight and Flash Driver With Serial Interface
SC614DB SEMTECH-SC614DB Datasheet
382Kb / 25P
Low Noise Backlight and Flash Driver With Serial Interface
SC614EVB SEMTECH-SC614EVB Datasheet
382Kb / 25P
Low Noise Backlight and Flash Driver With Serial Interface
SC614MLTRT SEMTECH-SC614MLTRT Datasheet
382Kb / 25P
Low Noise Backlight and Flash Driver With Serial Interface
More results

Similar Description - SC614-R

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
DIGITAL SPEECH PROCESSOR
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
Speech And Music Processor
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
SPEECH AND MUSIC PROCESSORS
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
SPEECH AND MUSIC PROCESSORS
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
AUDIO & MUSIC MULTI-DSP PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com