Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALCON-H8C Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # FALCON-H8C
Description  Best Efficient PCIe AI Accelerator Card powered by Hailo-8™ AI Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

FALCON-H8C Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  FALCON-H8C Datasheet HTML 1Page - Lanner All Rights Reserved. FALCON-H8C Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FALCON H8
Best Efficient PCIe AI Accelerator Card
powered by Hailo-8™ AI Processors
Features
Specifications
• Best-in-class Performance And Cost-efficiency
• Scalable, Supports 4, 5 or 6 Hailo-8™ AI Processors
• High Power Efficiency, Low Power Consumption
• Commercial and Industrial Grade Support
• Enablement Software Package with Advanced Deep
Learning Models and AI Reference Applications
• Hailo-8™ Software Development Tools Significantly Reduce
the Time to Market of AI Applications
AI Performance
Up To 156 TOPs 8000 FPS Of ResNet-50, 1300 FPS Of YOLOv5m
AI Processors
4-6 Hailo-8™ AI Processors with Hailo Patented Structure Defined
Dataflow Architecture
AI Frameworks Support
Hailo AI Dataflow Compiler With Profiler And Emulator Supports
TensorFlow, ONNX And PyTorch Frameworks
PCIexpress Interface
PCI Express x16 Compliant With PCI Express Specification v3.0
System Compatibility
Intel x86 or ARM Devices, Linux OS e.g., Ubuntu, Yocto
Lanner Network and Edge AI Appliances
Power Consumption
Typical: 35W
Temperature
Operating: 0~70ºC
(Commercial Grade)
-40~85ºC (Industrial Grade)
Storage:
-40~85ºC
Humidity
5% - 90% RH, Non-condensing
Dimension
Standard PCIe Single Slot Form-factor
167.65mm x 111.15mm Without Bracket
Certifications
CE Class A, FCC Class A
Product Overview
Lanner’s Falcon H8 modular, PCIe form factor provides an easily deployable solution for engineers looking to offload CPU loading for low-latency
deep learning inference. With high-density AI processors, the Falcon H8 accommodates 4, 5, or 6 Hailo-8™ AI Processors, offering a modular,
cost-effective Edge AI solution with high processing capabilities and power efficiency. Through a standard PCIe interface, the Falcon H8 AI
Accelerator Card enables legacy devices such as NVRs, Edge AI boxes, Industrial PCs and robots to run video-intensive, mission-critical Edge AI
applications such as video analytics, traffic management, access control, and beyond.
FALCON-H8A
IEK-AI0001A, Commercial Grade,
Onboard 6x Hailo-8™ AI Processor
FALCON-H8B
IEK-AI0001B, Commercial Grade,
Onboard 5x Hailo-8™ AI Processor
FALCON-H8C
IEK-AI0001C, Commercial Grade,
Onboard 4x Hailo-8™ AI Processor
FALCON-H8D
IEK-AI0001D, Industrial Grade,
Onboard 6x Hailo-8™ AI Processor
FALCON-H8E
IEK-AI0001E, Industrial Grade,
Onboard 5x Hailo-8™ AI Processor
FALCON-H8F
IEK-AI0001F, Industrial Grade,
Onboard 4x Hailo-8™ AI Processor
Ordering Information
Supported Devices
• NVRs & Edge AI Boxes
• Industrial Gateways & PCs
• Industrial Robots


Similar Part No. - FALCON-H8C

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
FAL11 SWITCH-FAL11 Datasheet
152Kb / 8P
COMMERCIAL PHONE JACKS
logo
List of Unclassifed Man...
FAL34015 ETC2-FAL34015 Datasheet
480Kb / 2P
Molded Case Circuit Breakers
logo
Intel Corporation
FALXT972MBAA4 INTEL-FALXT972MBAA4 Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
FALXT972MBCA4 INTEL-FALXT972MBCA4 Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
FALXT972MBEA4 INTEL-FALXT972MBEA4 Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
More results

Similar Description - FALCON-H8C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3200852 PHOENIX-3200852 Datasheet
69Kb / 2P
AI 0,25- 8 YE
3201385 PHOENIX-3201385 Datasheet
100Kb / 3P
AI 1 - 8 RD-B
logo
Lanner All Rights Reser...
NCS2-NV02 LANNER-NCS2-NV02 Datasheet
147Kb / 1P
NCS2 Form Factor Edge AI Accelerator Module with NVIDIA Jetson짰 TX2 Processors
logo
Advantech Co., Ltd.
ITA-510NX ADVANTECH-ITA-510NX Datasheet
489Kb / 2P
AI Inference System Powered by NVIDIA® Jetson Orin™ NX for Railway Applications
17-Jan-2023
ITA-560NX ADVANTECH-ITA-560NX Datasheet
541Kb / 2P
AI Inference Box Computer Powered by NVIDIA® Jetson Orin™ NX for Railway Applications
17-Jan-2023
logo
Lanner All Rights Reser...
LEC-2290H LANNER-LEC-2290H Datasheet
425Kb / 2P
Intelligent Edge Appliance With Falcon-H8 PCIe AI Accelerator Card
V.1-2022.08.23
logo
AAEON Technology
PBA-8221-B10-1010 AAEON-PBA-8221-B10-1010 Datasheet
476Kb / 2P
AI@Edge development system powered by the NVIDIA Jetson Nano™ module
PBA-8222-B10-1010 AAEON-PBA-8222-B10-1010 Datasheet
538Kb / 2P
AI@Edge development system powered by the NVIDIA Jetson Nano™ module
PBA-8231-B10-1010 AAEON-PBA-8231-B10-1010 Datasheet
514Kb / 2P
AI@Edge development system powered by the NVIDIA Jetson™ TX2 NX module
PBA-8251-B10-1010 AAEON-PBA-8251-B10-1010 Datasheet
514Kb / 2P
AI@Edge development system powered by the NVIDIA Jetson Xavier™ NX module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com