Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALCON-H8C Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # FALCON-H8C
Description  Best Efficient PCIe AI Accelerator Card powered by Hailo-8™ AI Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

FALCON-H8C Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  FALCON-H8C Datasheet HTML 1Page - Lanner All Rights Reserved. FALCON-H8C Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
V1-2022.04.26
Feature Highlights
Hailo Toolchain and Developer Tools
FALCON H8 enables scalable, powerful, cost-effective and low power consumption intelligent video analytics (IVA) applications for
intelligent transportation, smart cities, smart retail and Industry 4.0 devices
• Quality control automation
• Line inspection
• Predictive maintenance
• Vision-based inventory trackin
• Hazard and crime detection
• Parking laws enforcement
• Public health Monitoring
• Traffic law enforcement
• Traffic flow analytics
• Automatic number-plate
recognition
• Flow & Queue analysis
• Smart advertising
• Customer identification
• Store inspection
The Hailo Dataflow Compiler API seamlessly integrates with existing deep learning development frameworks to allow smooth and
easy integration in existing development ecosystems. Hailo Dataflow Compiler is used for compiling users’ models to Hailo binaries.
The input of the Dataflow Compiler is a trained Deep Learning model. The output is a binary file which is loaded to the Hailo
device. The HailoRT API is used for deploying the built model on the target device. This library is used by the runtime applications.
Supported Intelligent Applications
High Efficiency
Typical Power Consumption 35W
Cost-effective
Lowest TOPs/$
Ease of HW & SW integration
Hailo AI Dataflow Compiler
Standard PCIe single slot form-factor
Various DL Architectures
Hailo Model Zoo
Hailo TAPAAS AI Applications
Advanced AI Applications
Supports state-of-the-art
NN model in high resolution
High Processing Power
Up to 156 TOPS
8000FPS of ResNet-50
Runtime environment
Model build environment
ML Frameworks
Hailo Dataflow Compiler
HailoRT
Falcon-H8
Hailo-8
™ firmware
C/C++ API and library
OS IP stack
PCIe
Hailo Model Zoo
User’s
models
App pipeline elements
App examples
TAPPAS
User’s
apps
Pre-trained
models
Build & eval tools
Re-training env
Runtime Frameworks Plugins
Tools
Integration
& CLI
Hailo PCIe driver
Hailo PCIe Driver
pyHailoRT
(Python API)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com