Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-R372B Datasheet(PDF) 2 Page - Lanner All Rights Reserved.

Part # ICS-R372B
Description  Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-R372B Datasheet(HTML) 2 Page - Lanner All Rights Reserved.

  ICS-R372B Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-R372B Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Lanner Electronics Inc. All rights reserved.
All product specifications are subject to change without notice.
contact@lannerinc.com | www.lannerinc.com
ICS-R372A
Intel Atom™ x7-E3950 Processor, 6x M12 X-coded GbE ports, 2x M.2 3042 B key socket with dual SIM each,
DC 24~36V power input
ICS-R372B
Intel Atom™ x7-E3950 Processor, 6x M12 X-coded GbE ports, 2x M.2 3042 B key socket with dual SIM each,
DC 72~110V power input
Product I/O View
Dimensions 272.4 x 88.3 x 228 mm (10.72” x 3.48” x 8.97”)
Ordering Information
V2-2022.7.14
A
B
C
Wall mount kit
Console
SIM/SDXC slot
F
GbE x 6
E Ground screw
D DC Input
G
GPS Antenna Hole
H HDMI x 2
A
B
C
H
E
D
F
G
272.2
88.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com