Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS-R372B Datasheet(PDF) 1 Page - Lanner All Rights Reserved.

Part # ICS-R372B
Description  Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANNER [Lanner All Rights Reserved.]
Direct Link  http://www.lannerinc.com/
Logo LANNER - Lanner All Rights Reserved.

ICS-R372B Datasheet(HTML) 1 Page - Lanner All Rights Reserved.

  ICS-R372B Datasheet HTML 1Page - Lanner All Rights Reserved. ICS-R372B Datasheet HTML 2Page - Lanner All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ICS-R372
Fanless Rolling Stock Computer with
Intel® Atom™ x7-E3950 Processor
Preliminary Specifications
• Intel® Atom™ x7-E3950 Processor
• Certified with EN50155, EN50121, EN50125 and EN45545
• Vehicle/Rail Computer with 6x M12 GbE ports
• 2x M.2 Slots with up to 4x SIM card readers
• Wide range operating temperature from -40 to 70°C
• 2x HDMI and 4x USB ports
• 1x Internal HDD/SSD drive bay
• Support 24~36V or 72~110V power input
Processor System
CPU
Atom™ x7-E3950
Frequency
1.6 GHz
Core Number
Quad-core
BIOS
AMI SPI Flash BIOS
Chipset
SoC
Processor Graphics
Intel integrated HD Graphics 505
Fanless
Yes
Memory
Technology
LPDDR4 up to 2400 MHz
Max. Capacity
Up to 8GB (Factory default: 8GB)
Ethernet
Controller
Intel i210IT x6
Speed
10/100/1000 Mbps
Interface
M12 X-coded GbE x6
Storage
Type
SATA
Installation
Internal 2.5” drive bay x1 (HDD/SSD is not included)
Type
mSATA
Installation
mSATA socket x1 (default 128 GB)
I/O
Display
HDMI x2
GPS
u-blox NEO-M8N; 3 GNSS (GPS, Galileo, GLONASS,
BeiDou), default @ GPS + GLONASS dual band
G-sensor
ADXL 345
USB
USB 2.0 Type A x4
Antenna
SMA antenna hole x5 (includes GPS+GLONASS x1)
Expansion
M.2
2x M.2 3042 B Key
Cooling
Processor
passive CPU heatsink
System
fanless design with corrugated aluminum
Environment
Operating Temperature
-40~70°C / -40~158°F
Storage Temperature
-40~85°C / -40~185°F
Relative Humidity
5%~95% @ 40°C / 104°F (Storage Level)
Miscellaneous
Hardware Monitoring
Yes
Internal RTC with Li Battery
Yes
Mechanical
Dimension (W x H x D)
272.4 x 88.3 x 228 mm (10.72” x 3.48” x 8.97”)
Weight
5 kg
Mounting
Wall mount kit
Power
Connector
M12 K-coded (Ground, DC_IN, Ground, IGN, Chassis
Ground)
Input
SKU A: Input Rated: 24~36Vdc,
SKU B: Input Rated: 72~110Vdc
Driver Support
Microsoft Windows
Win 10 IoT
Linux
Linux: Redhat Enterprise 5, Fedora 14. Linux Kernel
2.6.18 or later
Certification
EMC
E13, CE Class A, FCC Class A, RoHS
Certified
MIL-STD-810G, EN50155, EN50121-3-2, EN50121-4,
EN50125, EN 45545
Features


Similar Part No. - ICS-R372B

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
ICS-RS LEADSHINE-ICS-RS Datasheet
601Kb / 7P
iCS-RS Series Integrated Steppwe Motor
More results

Similar Description - ICS-R372B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVR-5700 ETC2-LVR-5700 Datasheet
697Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-3517UE Processor
LVR-8300 ETC2-LVR-8300 Datasheet
583Kb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i5-4422E or Celeron 2002E Processor
logo
Lanner All Rights Reser...
R6S LANNER-R6S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel짰 Core??i7-7600U Processor
V3S LANNER-V3S Datasheet
363Kb / 2P
Fanless In-vehicle Surveillance Computer with Intel짰 Atom??x7-E3950 Processor
logo
Advantech Co., Ltd.
ARK-2231R ADVANTECH-ARK-2231R Datasheet
1Mb / 3P
EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
3-Aug-2022
ITA-8100 ADVANTECH-ITA-8100 Datasheet
430Kb / 2P
EN 50155 10.4" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
ITA-8120 ADVANTECH-ITA-8120 Datasheet
427Kb / 2P
EN 50155 12.1" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
logo
Lanner All Rights Reser...
R3S LANNER-R3S Datasheet
1Mb / 2P
Fanless Rolling Stock Computer with Intel® Atom™ x7-E3950 Processor
V9-2022.11.21
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPC-PLUSX5D-A20-0232 AAEON-UPC-PLUSX5D-A20-0232 Datasheet
486Kb / 2P
UP Core Plus Developer Board with Intel® Atom™ x5-E3930/x5-E3940/x7-E3950 Processor SoC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com