Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1202 Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # CS1202
Description  STS-12 ATM/DS3 SONET MAPPER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS1202 Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  CS1202 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS1202 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200 Brickstone Square, Andover, MA 01810 Ph: 978/623-0009 Fax:978/623-0024
AMCC
S1202 STS-12 ATM/DS3 SONET MAPPER
Revision 3.8 - May 2000
SUMMARY DATASHEET
Overview and Applications
SONET Processing
The S1202 implements SONET/SDH processing and ATM
mapping functions for STS-12/STM-4 data streams. It can
support any combination of STS-12c, STS-3c, or STS-1 sig-
nals within an STS-12, or any combination of AU-4-4c or
AU-4 signals within an STM-4. In addition, it can support DS3
tributaries, in SONET, with provisionable support for clear
channel passthrough, direct mapping of ATM cells, or ATM
PLCP mapping. A TOH/SOH interface provides direct
add/drop capability for E1, E2, F1, and both Section and Line
DCC channels.
On the transmit side the S1202 generates section, line, &
path overhead. It performs framing pattern insertion (A1, A2),
scrambling, alarm signal insertion, and generates section,
line and path Bit Interleaved Parity (B1/B2/B3) for far-end
performance monitoring.
On the receive side the S1202 processes section, line, & path
overhead. It performs payload framing (A1, A2), descram-
bling, alarm detection, Bit Interleaved Parity monitoring
(B1/B2/B3), and error count accumulation for performance
monitoring.
ATM Processing
When configured for ATM cell processing, the S1202 transmit
ATM processor will perform all necessary cell encapsulation
including HEC generation, cell level scrambling (X43+1), and
idle cell insertion to adapt the cell rate to the SPE. When
receiving data from the line side, it performs cell delineation,
Rx header control, descrambling, and receive cell rate adap-
tation.
DS3 Processing
The S1202 provides DS3 mapper and de-mapper functions.
The DS3 mapper accepts data from an external DS3 input,
from looped-back DS3 tributaries, or from internal DS3 frame
generators. The internal DS3 frame generators are used for
ATM, PLCP, or PRBS data. The S1202 maps the data into
STS-1 SONET payloads.
The S1202 DS3 de-mapper support includes the ability to
extracts DS3 or ATM data from the SONET signal. DS3 sig-
nals can contain ATM, PLCP, or clear channel DS3 data. For
ATM or PLCP data, the S1202 frames on the DS3 and
extracts these signals from the DS3 payload. For clear chan-
nel DS3 data, the S1202 generates RX serial (NRZ) data sig-
nals smoothed to match a DS3 clock input that is provided to
the device, as well as a FIFO Fill Indication, provided for
phase lock loop adjustment. The S1202 also provides full
DS3 framing, monitoring, and extraction for full DS3 support.
Line-side Interface
On the line-side, the S1202 supports an 8-bit parallel inter-
face which operates at 77.76 MHz. The device is typically
connected to a parallel-to-serial converter, which is in turn
connected to an electrical-to-optical converter for interfacing
to the fiber optic interface. (See figure below.)
System Interface
The S1202 supports a UTOPIA Level 2 interface, operating at
50 Mb/s, for providing ATM cell transfers to/from the system
interface. The S1202 also supports up to 12 DS3 tributaries.
For clear channel DS3 data, the S1202 generates RX serial
(NRZ) data signals smoothed to match a DS3 clock input that
is provided to the device, as well as a FIFO Fill Indication,
provided for phase lock loop adjustment.
TX_DATA[7:0]
TX_CLK78
RX_CLK78
RX_DATA[7:0]
P/S & S/P
SONET XCVR
with
Clk Recovery
SerRxD±
SerTxD±
Microprocessor
Control
Control
AMCC S3032
Sumitomo SDM7202
HP HFCT5208
Reference
Clock
Fiber Optic
Transceiver
SONET
Line Side
Interface
RX_LOS
S1202
AMCC
Addr
Data
8
12
TX_CLK
TX_SYS_DAT[15:0]
RX_CLK
RX_SYS_DAT[15:0]
Utopia Level-2
System Interface
TOH Insertion
and Extraction
ATM Switch
OR
U
T
O
P
I
A
DS3
DS3 Clear Channel for
TX_DS3_[1:12]_DATA
RX_DS3_[1:12]_DATA
RX_DS3_[1:12]_GAP/SM_CLK
RX_DS3_[1:12]_FIFO_[1:0]
TX_DS3_[1:12]_CLK
Packet over SONET Application
Multi
Channel
HDLC
Processor
IP ROUTER
Switching/
Routing
Logic
Channelized 622 Mb/s ATM Application
TYPICAL APPLICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com