Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1202 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS1202
Description  STS-12 ATM/DS3 SONET MAPPER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS1202 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS1202 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS1202 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
S1202 Block Diagram
General Description
NILE
STS-12 ATM/DS3 SONET MAPPER
Part Number S1202
Revision 3.8 - May 2000
AMCC
SUMMARY DATASHEET
Production Information - The information contained in this
document is about a product in its fully tested and character-
ized phase. All features described herein are supported. Con-
tact AMCC for updates to this document and the latest product
status.
• Processes valid combinations of SONET/SDH
STS-12c/AU-4-4c, STS-3c/AU-4, or STS-1 tributaries
within an STS-12/STM-4.
• Terminates and generates SONET/SDH section, line, and
path layers.
• Provides DS3 mapping and demapping for 12 STS-1s and
supports clear channel DS3.
• Supports ATM payload mapping into STS-12c/AU-4-4c &
STS-3c/AU-4, as well as direct ATM or ATM PLCP for DS3
tributaries.
• Supports M23 and C-Bit parity clear channel DS3 map-
ping, as well as clear channel DS3 transparent
passthrough mode.
• Provides a 77.76 MHz 8-bit bus interface on the
SONET/SDH side in both the TX and RX directions.
• Provides a 50 MHz 16-bit Utopia Lvl 2 interface on the sys-
tem side in both the TX and RX directions.
• Programmable Utopia addresses to support multi-PHY
operation.
• Generic 8-bit microprocessor interface for configuration
and status monitoring.
• Supports IEEE 1149.1 JTAG testing.
• Packaged in a 388 pin BGA.
• Implemented in 3.3V with 5V tolerant I/O.
• Loopback capability for SONET/SDH, DS3 and ATM.
The S1202 is a highly integrated chip that implements
SONET/SDH processing and ATM mapping functions for
STS-12/STM-4 data streams. In addition, it supports DS3
tributaries, in an STS-1 SPE, with provisionable support for
M23 or C-bit parity OH, as well as clear channel
pass-through, direct mapping of ATM cells, or ATM PLCP
mapping. The S1202 is SONET and SDH standards compli-
ant with Bellcore GR-253 and ANSI T1.105, and ITU G.707,
respectively. The S1202 is also DS3 standards compliant
with Bellcore GR-499 and ANSI T1.107-1995 and ATM stan-
dards compliant with Utopia Specification Level 2.
The S1202 supports full-duplex processing of SONET/SDH
data streams with section, line, & path overhead processing.
The device supports framing, scrambling/descrambling,
alarm signal insertion/detection, and bit interleaved parity
(B1/B2/B3) processing. Serial interfaces for E1, E2, F1 and
Line and Section DCC are also provided.
A general purpose 8-bit microprocessor interface is provided
for device initialization, control, and monitoring. The interface
supports both Intel and Motorola type microprocessors, and
is capable of operating in either an interrupt driven or
polled-mode configuration.
Applications
ATM switches
Packet over SONET Routers and Switches
SONET/SDH Add Drop Multiplexers, Terminal
Multiplexers and Digital Cross Connects
Test equipment
TX_ATM_DAT[15:0]
POINTER
INTERPRET
POH
MONITOR
TOH DROP
TOH
MONITOR
RX
FRAMER
TX
FRAMER
TOH INSERT
SPE/VC
GENERATE
MICROPROCESSOR I/F
JTAG PORT
GPIO REG
TX_DATA[7:0]
TX_CLK78
TX_FRAME_IN
RX_DATA[7:0]
RX_CLK78
RX_FRAME_OUT
RX_EXTLOS
1
12
DS3
1
12
DS3
FR
PRBS
Det
FR
PRBS
Gen
DL
Insert
DL Drop
FEBE
TX_DS3[1:4][1:3]DATA
RX_DS3[1:4][1:3]FIFO[1:0]
1
12
DS3
Dmap
1
12
DS3
Map
1
12
PLCP
1
12
1
12
ATM
1
12
ATM
Proc
Proc
Proc
PLCP
Proc
Clear Channel DS3
Clear Channel DS3
TX_PRTY
TX_SOC
TX_CLK
TX_ENB
TX_ADR[4:0]
TX_CLAV[3:0]
RX_ATM_DAT[15:0]
RX_PRTY
RX_SOC
RX_CLK
RX_ENB
RX_ADR[4:0]
RX_CLAV[3:0]
RX_DS3[1:4][1:3]DATA
RX_DS3_x_y_GAP_CLK
RX_FRAME_IN
TX_DS3[1:4][1:3]CLK
RX_DS3_x_y_CLK
TX_DS3[1:4][1:3]FIFO
TX_DS3[1:4][1:3]X1_IN
RX_DS3[1:4][1:3]X1_OUT
1
12
TX
FIFO
1
12
RX
FIFO
RX
Utopia
I/F
Utopia
TX
I/F


Similar Part No. - CS1202

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
CS120 LUMILEDS-CS120 Datasheet
2Mb / 3P
Barcelona Tunnel Comes to Light
logo
Coilcraft lnc.
CS1200L COILCRAFT-CS1200L Datasheet
155Kb / 1P
Current SensorCurrent Sensor
CS1200L COILCRAFT-CS1200L Datasheet
297Kb / 1P
D1869L_15
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
STS-12c/STS-3c POS/ATM SONET MAPPER
logo
List of Unclassifed Man...
CS1204 ETC1-CS1204 Datasheet
117Kb / 1P
CIT RELAY&SWITCH DIMENSIONS SCHEMATIC & PC LAYOUT
More results

Similar Description - CS1202

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
DS3/Sonet STS-1 Integrated Line Receiver
XRT94L43 EXAR-XRT94L43 Datasheet
180Kb / 7P
SONET/SDH STS-12/STM-4 TO E3/DS3/STS-1 MAPPER/DEMAPPER
XRT7295AE EXAR-XRT7295AE Datasheet
1Mb / 18P
DS3/Sonet STS-1 Integrated Line Receiver
logo
Applied Micro Circuits ...
CS1201QFI22 AMCC-CS1201QFI22 Datasheet
41Kb / 2P
STS-12c/STS-3c POS/ATM SONET MAPPER
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Exar Corporation
XRT94L33 EXAR-XRT94L33_07 Datasheet
3Mb / 862P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - ATM REGISTERS
XRT94L33 EXAR-XRT94L33_1 Datasheet
496Kb / 110P
3-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER ATM/PPP - HARWARE MANUAL
XRT94L33 EXAR-XRT94L33_3 Datasheet
3Mb / 801P
-CHANNEL DS3/E3/STS-1 TO STS-3/STM-1 MAPPER - SONET REGISTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com