Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9230 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 4 Page - Analog Devices

  AD9230 Datasheet HTML 1Page - Analog Devices AD9230 Datasheet HTML 2Page - Analog Devices AD9230 Datasheet HTML 3Page - Analog Devices AD9230 Datasheet HTML 4Page - Analog Devices AD9230 Datasheet HTML 5Page - Analog Devices AD9230 Datasheet HTML 6Page - Analog Devices AD9230 Datasheet HTML 7Page - Analog Devices AD9230 Datasheet HTML 8Page - Analog Devices AD9230 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD9230
Preliminary Technical Data
Rev. PrE | Page 4 of 21
AC SPECIFICATIONS1
Table 2. (AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = –40°C, TMAX = +85°C, fIN = –0.5 dBFS, Internal Reference, Full Scale = 1.25 V, Ain
= -0.5dBFS, DCS Enabled unless otherwise noted.)
AD9230-170/-210
AD9230-250
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fin=10 MHz
25°C
65.5
65.5
dB
Full
65
65
dB
fin=70 MHz
25°C
65.5
65.5
dB
Full
65
65
dB
fin=100 MHz
25°C
64
64
dB
fin=240 MHz
25°C
63
63
dB
SINAD
fin=10 MHz
25°C
65
65
dB
Full
64.8
64.7
dB
fin=70 MHz
25°C
65
65
dB
Full
64.8
64.7
dB
fin=100 MHz
25°C
63.5
63.5
dB
fin=240 MHz
25°C
62.5
62.5
dB
EFFECTIVE NUMBER OF BITS
(ENOB)
fin=10 MHz
25°C
10.6
10.6
Bits
Full
10.6
10.6
Bits
fin=70 MHz
25°C
10.6
10.6
Bits
Full
10.6
10.6
Bits
fin=100 MHz
25°C
10.3
10.3
Bits
fin=240 MHz
25°C
10.2
10.2
Bits
WORST HARMONIC (2nd or 3rd)
fin=10 MHz
25°C
–82
–82
dBc
Full
–80
–80
dBc
fin=70 MHz
25°C
–82
–82
dBc
Full
–80
–80
dBc
fin=100 MHz
25°C
–78
–77
dBc
fin=240 MHz
25°C
–75
–75
dBc
WORST HARMONIC (4th or
Higher)
fin=10 MHz
25°C
–85
–85
dBc
Full
–85
–85
dBc
fin=70 MHz
25°C
–85
–85
dBc
Full
–85
–85
dBc
fin=100 MHz
25°C
–83
–83
dBc
fin=240 MHz
25°C
–78
–78
dBc
TWO-TONE IMD2
F1, F2 @ –7 dBFS
25°C
–75
–75
dBc
ANALOG INPUT BANDWIDTH
25°C
900
900
MHz
1 All ac specifications tested by driving CLK+ and CLK– differentially.
2 F1 = 28.3 MHz, F2 = 29.3 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com