Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9230 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9230
Description  12-Bit, 170/210/250 MSPS 1.8 V A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9230 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9230 Datasheet HTML 9Page - Analog Devices AD9230 Datasheet HTML 10Page - Analog Devices AD9230 Datasheet HTML 11Page - Analog Devices AD9230 Datasheet HTML 12Page - Analog Devices AD9230 Datasheet HTML 13Page - Analog Devices AD9230 Datasheet HTML 14Page - Analog Devices AD9230 Datasheet HTML 15Page - Analog Devices AD9230 Datasheet HTML 16Page - Analog Devices AD9230 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Preliminary Technical Data
AD9230
Rev. PrE | Page 13 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DrVDD = 1.8 V, rated sample rate, , DCS enabled, TA = 25°C, 1.25 V p-p differential
input, AIN = −1dBFS, unless otherwise noted.
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
21.25
42.5
63.75
85
Frequency (MHz)
Analog: 30.4MHz @ -
1dBFS
SNR: 63.4dB
SFDR 87 5dBc
Figure 8. AD9230-170 64k Point Single-Tone FFT/170 MSPS/30.3 MHz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
26.25
52.5
78.75
105
Frequency (MHz)
Analog: 30.4MHz @ -
1dBFS
SNR: 64.1dB
SFDR 80dBc
Figure 9. AD9230-210 64k Point Single-Tone FFT/210 MSPS/30.3 MHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
500
1000
1500
2000
2500
3000
3500
4000
Output Code
Figure 10. AD9230-250 64k Point Single-Tone FFT/250 MSPS/5.1 MHz z
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
31.25
62.5
93.75
125
Frequency (MHz)
Analog: 5.1MHz @ -1dBFS
SNR: 63.88dB
SFDR 82dBc
Figure 11. AD9230-250 64k Point Single-Tone FFT/250 MSPS 5.1 MHz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
31.25
62.5
93.75
125
Frequency (MHz)
Analog: 30.4MHz @ -
1dBFS
SNR: 63.6dB
SFDR 79dBc
Figure 12. AD9230-250 64k Point Single-Tone FFT/250 MSPS 30.3 MHz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
31.25
62.5
93.75
125
Frequency (MHz)
Analog: 73.3MHz @ -1dBFS
SNR: 62.75dB
SFDR 73dBc
Figure 13. AD9230-250 64k Point Single-Tone FFT/250 MSPS 70.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com