Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLLFSD01LP3Q-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLLFSD01LP3Q-7
Description  ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLLFSD01LP3Q-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DLLFSD01LP3Q-7 Datasheet HTML 1Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 2Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 3Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 4Page - Diodes Incorporated DLLFSD01LP3Q-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DLLFSD01LP3Q
Document number: DS42924 Rev. 2 - 2
1 of 5
www.diodes.com
March 2022
© Diodes Incorporated
DLLFSD01LP3Q
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Features
Ultra-Small Leadless Surface Mount Package (0.6mm x 0.3mm)
Ultra-Low Profile Package (0.3mm)
Fast Switching Speed, Fast Reverse Recovery Time
Ultra-Low Reverse Leakage Current (~ 5nA @ VR = 5V)
Very Low Capacitance (Typical Value<1pF @ VR=0V)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The
DIODES™ DLLFSD01LP3Q is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: X3-DFN0603-2
Package
Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Bar
Terminals: Finish
—AgNiAu over Copper Leadframe
(Lead-Free Plating). Solderable per MIL-STD-202,
Method 208
Weight: 0.0002 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Package
Packing
Qty.
Carrier
DLLFSD01LP3Q-7
Automotive
X3-DFN0603-2
10,000
Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen, Antimony and Beryllium-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl),
<1000ppm antimony compounds and <1000ppm Beryllium.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
A1 = Product Type Marking Code
Bar behind the letter
“A1” Denotes CAT site
Band Denotes Cathode Side
Top View
Bottom View
X3-DFN0603-2
X3-DFN0603-2
e4
DIODES is a trademark of Diodes Incorporated in the United States and other countries.
The Diodes logo is a registered trademark of Diodes Incorporated in the United States and other countries.


Similar Part No. - DLLFSD01LP3Q-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLLFSD01LP3 DIODES-DLLFSD01LP3 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01LP3-7 DIODES-DLLFSD01LP3-7 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
More results

Similar Description - DLLFSD01LP3Q-7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON ULTRA LOW LEAKAGE SWITCHING DIODE
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
546Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_11 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMOD6001 CENTRAL-CMOD6001_11 Datasheet
494Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LP3 DIODES-DLLFSD01LP3_15 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
logo
Central Semiconductor C...
CMAD6001 CENTRAL-CMAD6001_15 Datasheet
346Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_15 Datasheet
367Kb / 2P
SURFACE MOUNT ULTRA LOW LEAKAGE SILICON SWITCHING DIODE
logo
Diodes Incorporated
DLLFSD01LPH4 DIODES-DLLFSD01LPH4 Datasheet
437Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
Rev erse
DLLFSD01LP3 DIODES-DLLFSD01LP3 Datasheet
412Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
May 2015
DLLFSD01T DIODES-DLLFSD01T Datasheet
368Kb / 5P
ULTRA LOW LEAKAGE SURFACE MOUNT FAST SWITCHING DIODE
June 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com