Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments LP2985 Datasheet HTML 15Page - Texas Instruments LP2985 Datasheet HTML 16Page - Texas Instruments LP2985 Datasheet HTML 17Page - Texas Instruments LP2985 Datasheet HTML 18Page - Texas Instruments LP2985 Datasheet HTML 19Page - Texas Instruments LP2985 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
7 Detailed Description
7.1 Overview
The LP2985 is a fixed-output, low-noise, high PSRR, low-dropout regulator that offers exceptional, cost-effective
performance for both portable and nonportable applications. The LP2985 has an output tolerance of 1% across
line, load, and temperature variation (for the new chip) and is capable of delivering 150 mA of continuous load
current.
This device features integrated overcurrent protection, thermal shutdown, output enable, and internal output
pulldown and has a built-in soft-start mechanism for controlled inrush current. This device delivers excellent line
and load transient performance. The operating ambient temperature range of the device is –40°C to +125°C.
7.2 Functional Block Diagram
Bandgap
Reference
VREF = 1.2 V
VIN
VOUT
GND
Internal
Controller
UVLO
Current
Limit
Thermal
Shutdown
ON/OFF
GND
Output
Pull-down
GND
BYPASS
GND
7.3 Feature Description
7.3.1 Output Enable
The ON/OFF pin for the device is an active-high pin. The output voltage is enabled when the voltage of the
ON/OFF pin is greater than the high-level input voltage of the ON/OFF pin and disabled with the ON/OFF pin
voltage is less than the low-level input voltage of the ON/OFF pin. If independent control of the output voltage is
not needed, connect the ON/OFF pin to the input of the device.
The device has an internal pulldown circuit that activates when the device is disabled by pulling the ON/OFF pin
voltage lower than the low-level input voltage of the ON/OFF pin, to actively discharge the output voltage.
7.3.2 Dropout Voltage
Dropout voltage (VDO) is defined as the input voltage minus the output voltage (VIN – VOUT) at the rated output
current (IRATED), where the pass transistor is fully on. IRATED is the maximum IOUT listed in the Recommended
Operating Conditions table. The pass transistor is in the ohmic or triode region of operation, and acts as a
switch. The dropout voltage indirectly specifies a minimum input voltage greater than the nominal programmed
output voltage at which the output voltage is expected to stay in regulation. If the input voltage falls to less than
the nominal output regulation, then the output voltage falls as well.
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com