Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 14Page - Texas Instruments LP2985 Datasheet HTML 15Page - Texas Instruments LP2985 Datasheet HTML 16Page - Texas Instruments LP2985 Datasheet HTML 17Page - Texas Instruments LP2985 Datasheet HTML 18Page - Texas Instruments LP2985 Datasheet HTML 19Page - Texas Instruments LP2985 Datasheet HTML 20Page - Texas Instruments LP2985 Datasheet HTML 21Page - Texas Instruments LP2985 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
7.3.5 Output Pulldown
The new chip has an output pulldown circuit. The output pulldown activates in the following conditions:
• When the device is disabled (VON/OFF < VON/OFF(LOW))
• If 1.0 V < VIN < VUVLO
Do not rely on the output pulldown circuit for discharging a large amount of output capacitance after the input
supply has collapsed because reverse current can flow from the output to the input. This reverse current flow
can cause damage to the device. See the Reverse Current section for more details.
7.3.6 Thermal Shutdown
The device contains a thermal shutdown protection circuit to disable the device when the junction temperature
(TJ) of the pass transistor rises to TSD(shutdown) (typical). Thermal shutdown hysteresis assures that the device
resets (turns on) when the temperature falls to TSD(reset) (typical).
The thermal time-constant of the semiconductor die is fairly short, thus the device can cycle on and off
when thermal shutdown is reached until power dissipation is reduced. Power dissipation during start up can
be high from large VIN – VOUT voltage drops across the device or from high inrush currents charging large
output capacitors. Under some conditions, the thermal shutdown protection disables the device before start up
completes.
For reliable operation, limit the junction temperature to the maximum listed in the Recommended Operating
Conditions table. Operation above this maximum temperature causes the device to exceed operational
specifications. Although the internal protection circuitry of the device is designed to protect against thermal
overall conditions, this circuitry is not intended to replace proper heat sinking. Continuously running the device
into thermal shutdown or above the maximum recommended junction temperature reduces long-term reliability.
7.4 Device Functional Modes
7.4.1 Device Functional Mode Comparison
Table 7-1 shows the conditions that lead to the different modes of operation. See the Electrical Characteristics
table for parameter values.
Table 7-1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VON/OFF
IOUT
TJ
Normal operation
VIN > VOUT(nom) + VDO and VIN > VIN(min)
VON/OFF > VON/OFF(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Dropout operation
VIN(min) < VIN < VOUT(nom) + VDO
VON/OFF > VON/OFF(HI)
IOUT < IOUT(max)
TJ < TSD(shutdown)
Disabled
(any true condition
disables the device)
VIN < VUVLO
VON/OFF < VON/
OFF(LOW)
Not applicable
TJ > TSD(shutdown)
7.4.2 Normal Operation
The device regulates to the nominal output voltage when the following conditions are met:
• The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(nom) + VDO)
• The output current is less than the current limit (IOUT < ICL)
• The device junction temperature is less than the thermal shutdown temperature (TJ < TSD)
• The ON/OFF voltage has previously exceeded the ON/OFF rising threshold voltage and has not yet
decreased to less than the enable falling threshold
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com