Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35102QDBVR Datasheet(PDF) 15 Page - Texas Instruments

Part # REF35102QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35102QDBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF35102QDBVR Datasheet HTML 11Page - Texas Instruments REF35102QDBVR Datasheet HTML 12Page - Texas Instruments REF35102QDBVR Datasheet HTML 13Page - Texas Instruments REF35102QDBVR Datasheet HTML 14Page - Texas Instruments REF35102QDBVR Datasheet HTML 15Page - Texas Instruments REF35102QDBVR Datasheet HTML 16Page - Texas Instruments REF35102QDBVR Datasheet HTML 17Page - Texas Instruments REF35102QDBVR Datasheet HTML 18Page - Texas Instruments REF35102QDBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Thermal Hysteresis - Cycle 1 (ppm)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
90
Figure 8-6. Thermal Hysteresis Distribution
–40ºC to 85ºC, Cycle 1
Thermal Hysteresis - Cycle 2 (ppm)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
Figure 8-7. Thermal Hysteresis Distribution
–40ºC to 85ºC, Cycle 2
Thermal Hysteresis - Cycle 1 (ppm)
0
6
12
18
24
30
20
30
40
50
60
70
80
90 100 110 120 130
Figure 8-8. Thermal Hysteresis Distribution
–40ºC to 105ºC, Cycle 1
Thermal Hysteresis - Cycle 2 (ppm)
0
10
20
30
40
50
0
10
20
30
40
50
60
70
80
Figure 8-9. Thermal Hysteresis Distribution
–40ºC to 105ºC, Cycle 2
8.5 Noise Performance
The reference pin output noise is categorized as low frequency and broadband noise. The following sections
describe these categories in detail.
8.5.1 Low-Frequency (1/f) Noise
Flicker noise, also known as 1/f noise, is a low-frequency noise that affects the device output voltage which can
affect precision measurements in ADCs. This noise increases proportionally with output voltage and operating
temperature. Noise is measured by filtering the output from 0.1 Hz to 10 Hz. The 1/f noise is an extremely low
value, therefore the frequency of interest must be amplified and band-pass filtered. This is done by using a
high-pass filter to block the DC voltage. The resulting noise is then amplified by a gain of 1000. The bandpass
filter is created by a series of high-pass and low-pass filter that adds additional gain to make it more visible
on a oscilloscope as shown in Figure 8-10. Figure 8-11 shows the effect of flicker noise over 10 second for
REF35250. Flicker noise must be tested in a Faraday cage enclosure to block environmental noise.
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com