Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF35102QDBVR Datasheet(PDF) 19 Page - Texas Instruments

Part # REF35102QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35102QDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF35102QDBVR Datasheet HTML 15Page - Texas Instruments REF35102QDBVR Datasheet HTML 16Page - Texas Instruments REF35102QDBVR Datasheet HTML 17Page - Texas Instruments REF35102QDBVR Datasheet HTML 18Page - Texas Instruments REF35102QDBVR Datasheet HTML 19Page - Texas Instruments REF35102QDBVR Datasheet HTML 20Page - Texas Instruments REF35102QDBVR Datasheet HTML 21Page - Texas Instruments REF35102QDBVR Datasheet HTML 22Page - Texas Instruments REF35102QDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
9 Detailed Description
9.1 Overview
The REF35 is family of ultra-low current, low-noise, precision band-gap voltage references that are specifically
designed for excellent initial voltage accuracy and drift. The Functional Block Diagram is a simplified block
diagram of the REF35 showing basic band-gap topology.
9.2 Functional Block Diagram
VIN
Digital
Core
Band-Gap
Core
R
Buffer
EN
Control
EN
GND
NR
VREF
Rp
VIN
Rp for
Open Drain
EN control
9.3 Feature Description
9.3.1 Supply Voltage
The REF35 family of references features an extremely low dropout voltage. For 10 mA loaded conditions, a
maximum dropout voltage is 250 mV. Figure 7-28 shows a typical dropout voltage (VDO) versus load current.
The device supports operation with input voltage range from VREF + VDO to 6 V. The typical quiescent current is
650 nA and maximum quiescent current over temperature is only 2.6 μA. The low dropout voltage coupled with
ultra-low current enable the operation across multiple battery powered applications.
9.3.2 EN Pin
The REF35 family supports device enable and disable functionality through logic level control on EN pin. The
EN pin of REF35 does not use an internal pull-up resistor. Instead, the pin uses new 'clean EN' technology. This
allows the EN pin to be in a no connect condition at start-up, and no extra current is drawn from the supply
when the EN pin is pulled low in shutdown mode. When EN pin is pulled high or left unconnected at start-up, the
device is in active mode. When EN pin is driven by an open-drain output, a pull-up resistor to VIN is required.
The device must be in active mode for normal operation. The EN pin must not be pulled higher than VIN supply
voltage.
The device can be placed in shutdown mode by pulling the EN pin low. When in shutdown mode, the output
of the device becomes high impedance and the quiescent current of the device drops to 100 nA at room
temperature. When changing the device state from shutdown to active state, ensure the EN pin is not left
floating.
Also note that for applications where EN pin is no-connect, total parasitic capacitance on EN pin should be
restricted within 30 pF.
See the Electrical Characteristics table for logic high and logic low voltage levels.
9.3.3 NR Pin
The REF35 pin allows access to the band-gap through the NR pin. Placing a capacitor from the NR pin to
GND creates a low-pass filter in combination with the internal resistance of 60 kΩ. Leakage of the capacitance
directly impacts the accuracy and temperature drift. If NR functionality is used, choose a low leakage capacitor.
A capacitance of 1 μF creates a low-pass filter with corner frequency around 2.7 Hz. Such a filter decreases
the overall noise on the VREF pin. Higher capacitance results in a lower filter cut off frequency, further reducing
output noise. Please note, using the capacitor on NR pin also increases start-up time.
www.ti.com
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com