Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM5100LA Datasheet(PDF) 2 Page - Leshan Radio Company

Part # CSM5100LA
Description  Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM5100LA Datasheet(HTML) 2 Page - Leshan Radio Company

  CSM5100LA Datasheet HTML 1Page - Leshan Radio Company CSM5100LA Datasheet HTML 2Page - Leshan Radio Company CSM5100LA Datasheet HTML 3Page - Leshan Radio Company CSM5100LA Datasheet HTML 4Page - Leshan Radio Company CSM5100LA Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CSM5100LA, S-CSM5100LA
Schottky Barrier Rectifiers
4. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage Tj = 100°C
Typical junction capacitance at 4.0V, 1MHz
1. 8.0mm² (.013mm thick) land areas
Unit
Symbol
Min.
Characteristic
Typ.
Max.
450
-
CJ
V
mA
pF
-
-
-
0.3
IR
30
-
-
-
-
VF
0.655
Leshan Radio Company, LTD.
2/4
Rev.A Apr. 2021



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com